Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 237 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 237 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 233Page - National Semiconductor (TI) PC87414 Datasheet HTML 234Page - National Semiconductor (TI) PC87414 Datasheet HTML 235Page - National Semiconductor (TI) PC87414 Datasheet HTML 236Page - National Semiconductor (TI) PC87414 Datasheet HTML 237Page - National Semiconductor (TI) PC87414 Datasheet HTML 238Page - National Semiconductor (TI) PC87414 Datasheet HTML 239Page - National Semiconductor (TI) PC87414 Datasheet HTML 240Page - National Semiconductor (TI) PC87414 Datasheet HTML 241Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
237
www.national.com
11.3.1
Pull-Up Resistor
Symbol: PUnn
11.3.2
Pull-Down Resistor
Symbol: PDnn
11.4 PACKAGE THERMAL INFORMATION
Thermal resistance (degrees C/W) ThetaJC and ThetaJA values for the PC8741x package are as follows:
Table 3. Theta (
Θ) J Values
Note: Airflow for ThetaJA values is measured in linear feet per minute (lfpm).
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70 °C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPU
Pull-up equivalent resistance
VPIN =0V
nn
−30%
nn
nn+30%
K
Ω
Symbol
Parameter
Conditions1
1. TA = 0
°C to 70 °C, V
SUP = 3.3V.
Min2
2. Not tested. Guaranteed by characterization.
Typical
Max2
Unit
RPD
Pull-down equivalent resistance
VPIN =VSUP
nn
−30%
nn
nn+30%
K
Ω
VPIN = 0.17 VSUP
3
3. For strap pins only.
nn
−50%
K
Ω
VPIN = 0.8 VSUP
3
nn
−48%
K
Ω
Package Type
ThetaJA@0 lfpm ThetaJA@225 lfpm ThetaJA@500 lfpm
ThetaJC
128 PQFP
47
35.8
31.1
14.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com