Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 237Page - National Semiconductor (TI) PC87414 Datasheet HTML 238Page - National Semiconductor (TI) PC87414 Datasheet HTML 239Page - National Semiconductor (TI) PC87414 Datasheet HTML 240Page - National Semiconductor (TI) PC87414 Datasheet HTML 241Page - National Semiconductor (TI) PC87414 Datasheet HTML 242Page - National Semiconductor (TI) PC87414 Datasheet HTML 243Page - National Semiconductor (TI) PC87414 Datasheet HTML 244Page - National Semiconductor (TI) PC87414 Datasheet HTML 245Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
241
www.national.com
11.5.3
Clock Timing
High Frequency Clock Timing
.
Figure 60. External High Frequency Clock Timing
Symbol
Clock Input Parameter
CLKIN (48 MHz)
Min
Typ
Max
Unit
tCH
Clock High Pulse Width2
8.2
ns
tCL
Clock Low Pulse Width2
8.2
ns
tCP
Clock Period2 (50%-50%)
20
20.83
21.5
ns
tCR
Clock Rise Time2 (20%-80%)
2.5
ns
tCF
Clock Fall Time2 (80%-20%)
2.5
ns
Symbol
Clock Output Parameter
HFCKOUT (48 MHz)
HFCKOUT (40 MHz)
Min
Typ
Max
Min
Typ
Max
Unit
tCH
Clock High Pulse Width1,4
1. CL = 15 pF.
8.2
10.3
ns
tCL
Clock Low Pulse Width1,4
8.2
10.3
ns
tCP
Clock Period2
(50%-50%)
2. Not tested. Guaranteed by design.
t48TYP −
32KTOL
3
−
50ppm
3. t32KCLKIN tolerance.
20.83
t48TYP +
32KTOL
3 +
50ppm
t40TYP −
32KTOL
3
−
150ppm
25
t40TYP +
32KTOL
3 +
150ppm
ns
tCR
Clock Rise Time4
(20%-80%)
4. Not tested. Guaranteed by characterization.
CL = 15 pF
2.5
2.5
ns
CL =40pF
5
5
ns
tCF
Clock Fall Time4
(80%-20%)
CL = 15 pF
2.5
2.5
ns
CL =40pF
5
5
ns
VIL
VIL
VIH
VIH
CLKIN
tCL
tCP
tCH
HFCKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com