Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 243 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 243 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 239Page - National Semiconductor (TI) PC87414 Datasheet HTML 240Page - National Semiconductor (TI) PC87414 Datasheet HTML 241Page - National Semiconductor (TI) PC87414 Datasheet HTML 242Page - National Semiconductor (TI) PC87414 Datasheet HTML 243Page - National Semiconductor (TI) PC87414 Datasheet HTML 244Page - National Semiconductor (TI) PC87414 Datasheet HTML 245Page - National Semiconductor (TI) PC87414 Datasheet HTML 246Page - National Semiconductor (TI) PC87414 Datasheet HTML 247Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
243
www.national.com
11.5.4
LPC Interface Timing
The AC characteristics of the LPC Interface meet the PCI Local Bus Specification (Rev 2.2 December 18, 1998) for 3.3V
DC signaling.
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33 MHz. Device operational
parameters at frequencies under 16 MHz are guaranteed by design rather than by testing. The
clock frequency may be changed at any time during the operation of the system as long as the
clock edges remain “clean” (monotonic) and the minimum cycle high and low times are not vio-
lated. The clock may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time2
2. Not tested. Guaranteed by characterization.
11
ns
tLOW
LCLK Low Time2
11
ns
-
LCLK Slew Rate2,3
3. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate
must be met across the minimum peak-to-peak portion of the clock wavering (0.2 VDD to 0.6
VDD) as shown below.
1
4
V/ns
-
LRESET Slew Rate2,4
4. The minimum LRESET slew rate applies only to the rising (de-assertion) edge of the reset sig-
nal and ensures that system noise cannot make an otherwise monotonic signal appear to
bounce in the switching range.
50
mV/ns
tHIGH
tLOW
tCYC
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
VDD = 3.3V ±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com