Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 242 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 242 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 238Page - National Semiconductor (TI) PC87414 Datasheet HTML 239Page - National Semiconductor (TI) PC87414 Datasheet HTML 240Page - National Semiconductor (TI) PC87414 Datasheet HTML 241Page - National Semiconductor (TI) PC87414 Datasheet HTML 242Page - National Semiconductor (TI) PC87414 Datasheet HTML 243Page - National Semiconductor (TI) PC87414 Datasheet HTML 244Page - National Semiconductor (TI) PC87414 Datasheet HTML 245Page - National Semiconductor (TI) PC87414 Datasheet HTML 246Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
242
Revision1.2
Low Frequency Clock Timing
Figure 61. Low Frequency Clock Waveforms
Figure 62. Internal Clock Waveforms
Symbol
Figure
Description
Reference Conditions
Min
Typ
Max
Units
Clock Input Timing
t32KCLKIN
–
Required clock period for
32KCLKIN1
1. Recommended for RTC timekeeping accuracy and for HFCKOUT, LFCKOUT frequency accuracy.
From RE to RE of
32KCLKIN.
30.5145
(t32TYP −
100ppm)
30.517578
(t32TYP)
30.5206
(t32TYP +
100ppm)
µs
Clock Output Timing
t32KOSC
61
Clock period of the internal
oscillator2
2. Determined by the values of the external crystal circuit components.
From RE to RE of
LFCKOUT.
30.517578
(t32TYP)
µs
t32KW
61
32K oscillator wake-up time3
3. Not tested. Guaranteed by characterization.
After VSB >VSBON
1
sec
t32KD
62
Internally generated
40/48 MHz clock delay time3
After VSB >VSBON
33
ms
32KX2
t32KW
0V
32KX1/32KCLKIN
0V
t32KOSC
VBAT
VSB
VSB
t32KD
Internally Generated
40/48 MHz Clock
VBAT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com