Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 109Page - National Semiconductor (TI) PC87414 Datasheet HTML 110Page - National Semiconductor (TI) PC87414 Datasheet HTML 111Page - National Semiconductor (TI) PC87414 Datasheet HTML 112Page - National Semiconductor (TI) PC87414 Datasheet HTML 113Page - National Semiconductor (TI) PC87414 Datasheet HTML 114Page - National Semiconductor (TI) PC87414 Datasheet HTML 115Page - National Semiconductor (TI) PC87414 Datasheet HTML 116Page - National Semiconductor (TI) PC87414 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
113
www.national.com
5.4.10
X-Bus Select Mode Register (XZM0 to XZM3)
These registers control the operation mode of chip select XCSn, where n is from 0 to 3.
Power Well:VSB
Location:Offset 0Fh (XZM0)
Location:Offset 10h (XZM1)
Location:Offset 11h (XZM2)
Location:Offset 12h (XZM3)
Type:
Varies per bit
Bit
76543210
Name
LOCKXSCF
WRSTAT
SMIWREN
XCSPOL
XCSTIM
TRANSMD
TRANSPD
Reset
00000000
Bit
Type
Description
7
R/W1S
LOCKXSCF (X-Bus Select Configuration Lock). Locks the configuration registers of the respective
XCSn signal (both XZCNFn register and XZMn register) by disabling writing to all their bits (including to
itself). An exception to this is the WRSTAT bit of the XZMn register. In addition, it locks the bits in the
XBCNF register. Once set, this bit can be cleared either by the VDD Power-Up reset (or Hardware
reset) or by the VSB Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register (see
Section 6.3.4 on page 128). In addition, this bit is cleared by setting the UNLOCKX bit in the
ACBLKCTL register (PC87417).
0: Lock Disabled (default)
1: Lock Enabled, protecting the configuration for this chip select
6
R/W1C
WRSTAT (Write Status). This bit is set if a write to the chip select occurred. Writing 1 to this bit clears
it to 0. WRSTAT is not locked by the LOCKXSCK bit.
0: No write detected (default)
1: Write to the chip select detected
5
R/W or
RO
SMIWREN (SMI-on-Write Enable). Enables the generation of an SMI, if the WRSTAT bit is set by the
occurrence of a write to the chip select.
0: SMI Disabled (default)
1: SMI Enabled
4
R/W or
RO
XCSPOL (XCS Polarity Control). Selects the polarity of the XCSn signal.
0: Active low - idle = 1, select = 0 (default)
1: Active high - idle = 0, select = 1
3-2
R/W or
RO
XCSTIM (XCS Timing Control). Selects the timing of the XCSn signal during read and write
transactions in mode 0. If TRANSMD bit is set to mode 1, the value of these bits is ignored and they
are treated as ‘00’.
Bits
3 2
Function
0 0: Normal XCSn timing for both read and write cycles (default)
0 1: Normal XCSn timing during write cycles; XRD_XEN timing for XCSn during read cycles
1 0: Normal XCSn timing during read cycles; XWR_XRW timing for XCSn during write cycles
11: XRD_XEN timing for XCSn during read cycles; XWR_XRW timing for XCSn during write cycles
1
R/W or
RO
TRANSMD (X-Bus Transaction Mode). Selects the X-Bus transaction mode pertaining to the behavior
of the XWR_XRW and XRD_XEN signals during a transaction.
0: Mode 0 - This is an ISA-like mode. When accessing the XCSn, XWR_XRW functions as an active low
write signal and XRD_XEN functions as an active low read signal (default)
1: Mode 1 - In this mode, when accessing the XCSn, XWR_XRW functions as a read/write signal (high
for a read transaction and low for a write transaction) and XRD_XEN functions as an active high enable
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com