Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 112Page - National Semiconductor (TI) PC87414 Datasheet HTML 113Page - National Semiconductor (TI) PC87414 Datasheet HTML 114Page - National Semiconductor (TI) PC87414 Datasheet HTML 115Page - National Semiconductor (TI) PC87414 Datasheet HTML 116Page - National Semiconductor (TI) PC87414 Datasheet HTML 117Page - National Semiconductor (TI) PC87414 Datasheet HTML 118Page - National Semiconductor (TI) PC87414 Datasheet HTML 119Page - National Semiconductor (TI) PC87414 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
116
Revision1.2
5.6
X-BUS EXTENSION REGISTER BITMAP
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
XBCNF
TBXCS3
TBXCS2
TBXCS1
TBXCS0
Reserved
LADEN
01h
XZCNF0
XRDYEN
WAITSEN INDIRMEN
ZSELMAP
02h
XZCNF1
XRDYEN
WAITSEN INDIRMEN
ZSELMAP
04h
XIRQC
Reserved
IRQPOLINV
IRQEN
IRQPOL
PWUREN
08h
XIMA0
X-Bus Indirect Memory Address 7-0
09h
XIMA1
X-Bus Indirect Memory Address 15-8
0Ah
XIMA2
X-Bus Indirect Memory Address 23-16
0Bh
XIMA3
X-Bus Indirect Memory Address 31-24
0Ch
XIMD
X-Bus Indirect Memory or I/O Data 7-0
0Dh
XZCNF2
XRDYEN
WAITSEN INDIRMEN
ZSELMAP
0Eh
XZCNF3
XRDYEN
WAITSEN INDIRMEN
ZSELMAP
0Fh
XZM0
LOCKXSCF
WRSTAT
SMIWREN
XCSPOL
XCSTIM
TRANSMD TRANSPD
10h
XZM1
LOCKXSCF
WRSTAT
SMIWREN
XCSPOL
XCSTIM
TRANSMD TRANSPD
11h
XZM2
LOCKXSCF
WRSTAT
SMIWREN
XCSPOL
XCSTIM
TRANSMD TRANSPD
12h
XZM3
LOCKXSCF
WRSTAT
SMIWREN
XCSPOL
XCSTIM
TRANSMD TRANSPD
13h
HAP0
HAPINDX
INDXWR
LOCKXHP
HWRP
HRDP
14h
HAP1
HAPINDX
INDXWR
LOCKXHP
HWRP
HRDP
Other
Reserved for National use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com