Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 118Page - National Semiconductor (TI) PC87414 Datasheet HTML 119Page - National Semiconductor (TI) PC87414 Datasheet HTML 120Page - National Semiconductor (TI) PC87414 Datasheet HTML 121Page - National Semiconductor (TI) PC87414 Datasheet HTML 122Page - National Semiconductor (TI) PC87414 Datasheet HTML 123Page - National Semiconductor (TI) PC87414 Datasheet HTML 124Page - National Semiconductor (TI) PC87414 Datasheet HTML 125Page - National Semiconductor (TI) PC87414 Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
122
Revision1.2
Command Byte Type
This type has two variations, according to the value of the INEX bit.
Bit
76543210
Name
INEX=0
RDWR
LOGDEV
Bit
76543210
Name
INEX=1
RDWR
Reserved
XBCSN
XA26-XA24
Bit
Description
7
INEX (Internal/External Access). Selects the access type for the current transaction.
0: Internal access - to modules within the PC8741x device
1: External access - to devices connected to the X-Bus (PC87417)
6
RDWR (Read/Write Access). Selects the access direction for the current transaction.
0: Write access - data sent by the master is written into the selected address
1: Read access - data read from the selected address is stored in the Read Buffer
5-0
LOGDEV (Logical Device Number). This field indicates the Logical Device Number (LDN) of the accessed
internal functional block. Table 33 defines the LDN assignment for each functional block of the PC8741x device;
other table values are not allowed. These LDNs are equivalent but not identical to those assigned by the plug-
and-play configuration. Only those Logical Devices that can be accessed both through the ACCESS.bus and the
LPC bus are assigned the same LDN.
5
Reserved.
4-3
XBCSN (X-Bus Chip-Select Number). These two bits select one of the four X-Bus chip-selects to be accessed
during the current transaction (PC87417).
Bits
4 3
Chip-Select
00:
XCS0
01:
XCS1
10:
XCS2
11:
XCS3
2-0
XA26-XA24 (X-Bus Offset Address). These bits set the value of the X-Bus address lines XA26-XA24, which
are used as offset for the X-Bus access during the current transaction (PC87417). The XA27 address line is set
to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com