Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 122Page - National Semiconductor (TI) PC87414 Datasheet HTML 123Page - National Semiconductor (TI) PC87414 Datasheet HTML 124Page - National Semiconductor (TI) PC87414 Datasheet HTML 125Page - National Semiconductor (TI) PC87414 Datasheet HTML 126Page - National Semiconductor (TI) PC87414 Datasheet HTML 127Page - National Semiconductor (TI) PC87414 Datasheet HTML 128Page - National Semiconductor (TI) PC87414 Datasheet HTML 129Page - National Semiconductor (TI) PC87414 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
126
Revision1.2
6.3
ACB REGISTERS (ON ACCESS.BUS ONLY)
All these registers are accessible only through the ACCESS.bus.
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
6.3.1
ACB Register Map (on ACCESS.bus Only)
Offset
Mnemonic
Register Name
Type
Power Well
Section
00h
ACBCST
ACCESS.bus Control/Status
Varies per bit
VSB
6.3.2
01h
ACBCFG
ACCESS.bus Configuration
Varies per bit
VSB
6.3.3
02h
ACBLKCTL
ACCESS.bus Lock Control
Varies per bit
VSB
6.3.4
03h
ACBFDIS
ACCESS.bus Fast Disable
R/W
VSB
6.3.5
04h
ACBTRIS
ACCESS.bus TRI-State
R/W
VSB
6.3.6
05h
ACCLCF1
Access Lock Configuration 1
R/W
VSB
6.3.7
06h
ACCLCF2
Access Lock Configuration 2
R/W
VSB
6.3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com