Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 125Page - National Semiconductor (TI) PC87414 Datasheet HTML 126Page - National Semiconductor (TI) PC87414 Datasheet HTML 127Page - National Semiconductor (TI) PC87414 Datasheet HTML 128Page - National Semiconductor (TI) PC87414 Datasheet HTML 129Page - National Semiconductor (TI) PC87414 Datasheet HTML 130Page - National Semiconductor (TI) PC87414 Datasheet HTML 131Page - National Semiconductor (TI) PC87414 Datasheet HTML 132Page - National Semiconductor (TI) PC87414 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
129
www.national.com
Bit
Type
Description
7
R/W1S VSBLOCK (Configuration Lock Until VSB Reset). Controls the reset source of the following lock bits:
LOCKMCF and LOCKGCF in the SIOCF1 register, LOCKFDS in the SIOCF6 register, LOCKCCF in the
CLOCKCF register, LOCKCFP in all GPCFG1 registers (for each GPIO pin), LOCKIOMP in the XIOCNF
register (PC87417), LOCKMMP in the XMEMCNF2 register (PC87417), all bits of the RLR register,
LOCKXSCF in the XZM0-XZM3 registers (PC87417), LOCKXHP in the HAP0 and HAP1 registers
(PC87417), LOCK_TMRRST in the PWTMRCTL register and LOCK_SLP_ENC in the SLP_ST_CFG
register. When set to ‘1’, this bit is cleared only by the VSB Power-Up reset.
0: Lock bits cleared by VDD Power-Up reset, by Hardware reset or by VSB Power-Up reset (default)
1: Lock bits cleared only by VSB Power-Up reset
6
R/W
UNLOCKM (Unlock Multiplexing Configuration). When set to ‘1’, this bit resets the LOCKMCF bit in
the SIOCF1 register, ignoring the setting of the VSBLOCK bit. It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCKMCF bit
5
R/W
UNLOCKG (Unlock GPIO Configuration). When set to ‘1’, this bit resets the LOCKGCF bit in the
SIOCF1 register and the LOCKCFP bit in all the GPCFG1 registers (for each GPIO pin), ignoring the
setting of the VSBLOCK bit. It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCKGCF and all the LOCKCFP bits
4
R/W
UNLOCKF (Unlock Fast Disable Configuration). When set to ‘1’, this bit resets the LOCKFDS bit in
the SIOCF6 register, ignoring the setting of the VSBLOCK bit. It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCKFDS bit
3
R/W
UNLOCKC (Unlock Clock Configuration). When set to ‘1’, this bit resets the LOCKCCF bit in the
CLOCKCF register, ignoring the setting of the VSBLOCK bit. It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCKCCF bit
2
R/W
UNLOCKX (Unlock X-Bus Configuration). When set to ‘1’, this bit resets the LOCKIOMP bit in the
XIOCNF register, the LOCKMMP bit in the XMEMCNF2 register, the LOCKXSCF bit in the XZM0-XZM3
registers and the LOCKXHP bit in the HAP0 and HAP1 registers, ignoring the setting of the VSBLOCK
bit (PC87417). It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCKIOMP, LOCKMMP, LOCKXSCF and LOCKXHP bits
1
R/W
UNLOCKR (Unlock RAM Lock Configuration). When set to ‘1’, this bit resets all the bits of the RLR
register (see Section 3.16.3 on page 88), ignoring the setting of the VSBLOCK bit. It always returns ‘0’
when read.
0: Normal operation (default)
1: Reset all the bits of the RLR register
0
R/W
UNLOCKS (Unlock SWC Configuration). When set to ‘1’, this bit resets the LOCK_TMRRST bit in the
PWTMRCTL register and the LOCK_SLP_ENC bit in the SLP_ST_CFG register, ignoring the setting of
the VSBLOCK bit. It always returns ‘0’ when read.
0: Normal operation (default)
1: Reset the LOCK_TMRRST and LOCK_SLP_ENC bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com