Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 130Page - National Semiconductor (TI) PC87414 Datasheet HTML 131Page - National Semiconductor (TI) PC87414 Datasheet HTML 132Page - National Semiconductor (TI) PC87414 Datasheet HTML 133Page - National Semiconductor (TI) PC87414 Datasheet HTML 134Page - National Semiconductor (TI) PC87414 Datasheet HTML 135Page - National Semiconductor (TI) PC87414 Datasheet HTML 136Page - National Semiconductor (TI) PC87414 Datasheet HTML 137Page - National Semiconductor (TI) PC87414 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
134
Revision1.2
6.4
ACB REGISTER BITMAP
Register
Bits
Offset Mnemonic
76543210
00h
ACBCST
OFFLDN
ILGCOM
PECERR
BUSERR
LOWCKTO ACCLVIOL
VDDSTAT
PECAVAIL
01h
ACBCFG
CSWRST
Reserved
ACCLMD
Reserved
ACTSTAT
02h
ACBLKCTL VSBLOCK UNLOCKM UNLOCKG UNLOCKF UNLOCKC UNLOCKX UNLOCKR UNLOCKS
03h
ACBFDIS
Reserved
KBDDIS
MSDIS
SER1DIS
SER2DIS
PARPDIS
FDCDIS
04h
ACBTRIS
Reserved
KBMSTRIS SER1TRIS SER2TRIS PARPTRIS
FDCTRIS
05h
ACCLCF1
CONFALOK
Reserved
KBCALOK SER1ALOK SER2ALOK PARPALOK FDCALOK
06h
ACCLCF2
SWCALOK RTCALOK
Reserved
XCS3ALOK XCS2ALOK XCS1ALOK XCS0ALOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com