Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 131Page - National Semiconductor (TI) PC87414 Datasheet HTML 132Page - National Semiconductor (TI) PC87414 Datasheet HTML 133Page - National Semiconductor (TI) PC87414 Datasheet HTML 134Page - National Semiconductor (TI) PC87414 Datasheet HTML 135Page - National Semiconductor (TI) PC87414 Datasheet HTML 136Page - National Semiconductor (TI) PC87414 Datasheet HTML 137Page - National Semiconductor (TI) PC87414 Datasheet HTML 138Page - National Semiconductor (TI) PC87414 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 257 page
background image
Revision 1.2
135
www.national.com
7.0
General-Purpose Input/Output (GPIO) Ports
This chapter describes one 8-bit port. A device may include a combination of several ports with different implementations.
For device specific implementation, see Section 3.14 on page 70.
7.1
OVERVIEW
The GPIO port is an 8-bit port, connected to eight pins. It features:
• Software capability to control and read pin levels.
• Flexible system notification by several means, based on the pin level or level transition.
• Ability to capture and route events and their associated status.
• Back-drive protected pins.
GPIO port operation is associated with two sets of registers:
• Pin Configuration registers mapped in the Device Configuration space. These registers are used to set up the logical
behavior of each pin. There are three registers for each GPIO pin: GPIO Pin Configuration registers 1 and 2 (GPCFG1,
GPCFG2) and the GPIO Pin Event Routing register (GPEVR).
• Four 8-bit runtime registers: GPIO Data Out (GPDO), GPIO Data In (GPDI), GPIO Event Enable (GPEVEN) and GPIO
Event Status (GPEVST). These registers are mapped in the GPIO device IO space (which is determined by the base
address registers in the GPIO Device Configuration). They are used to control and/or read the pin values and to handle
system notification. Each runtime register corresponds to the 8-pin port, such that bit ‘n’ in each one of the four registers
is associated with GPIOXn pin, where ‘X’ is the port number.
Each GPIO pin is associated with configuration bits and the corresponding bit slice of the four runtime registers, as shown
in Figure 35.
The functionality of the GPIO port is divided into basic functionality, which includes the control and reading of the GPIO pins
and enhanced functionality, which includes wake-up event detection and system notification. Basic functionality is described
in Section 7.2; enhanced functionality is described in Section 7.3.
Figure 35. GPIO Port Architecture
GPIO Pin
GPIO Pin
Select (GPSEL)
Configuration 1 and 2
GPDOX
GPDIX
GPEVENX
GPEVSTX
Runtime
Registers
GPIOX Base Address
Event
Bit n
Port and Pin
8 GPCFG
Registers
x8
GPIOXn
Pin
x8
GPIOXn CNFG
Interrupt Request
x8
GPIOXn
Port Logic
X = port number
n = pin number (0 to 7)
Pending
Indication
SIOSMI
GPIO Pin Event
Routing (GPEVR)
8 GPEVR
Registers
GPIOXn ROUTE
Select
Event
Routing
Control
Registers
Register
Register
(GPCFG1 and GPCFG2)
SWC
SIOSCI
Power Button
Pulse Enable
ONCTL
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com