Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 154Page - National Semiconductor (TI) PC87414 Datasheet HTML 155Page - National Semiconductor (TI) PC87414 Datasheet HTML 156Page - National Semiconductor (TI) PC87414 Datasheet HTML 157Page - National Semiconductor (TI) PC87414 Datasheet HTML 158Page - National Semiconductor (TI) PC87414 Datasheet HTML 159Page - National Semiconductor (TI) PC87414 Datasheet HTML 160Page - National Semiconductor (TI) PC87414 Datasheet HTML 161Page - National Semiconductor (TI) PC87414 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
158
Revision1.2
8.3.17
Date-of-Month Alarm Register (DOMA)
Power Well:VPP
Location: Programmable Index through DOMAO register
Type:
R/W
8.3.18
Month Alarm Register (MONA)
Power Well: VPP
Location: Programmable Index through MONAO register
Type:
R/W
8.3.19
Century Register (CEN)
Power Well:VPP
Location: Programmable Index through CENO register
Type:
R/W
Bit
76543210
Name
Date-of-Month Alarm Data
Reset
11000000
Bit
Description
7-0
Date-of-Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in Binary format.
When bits 7 and 6 are both set to one (‘11’), unconditional match is selected (default).
Bit
76543210
Name
Month Alarm Data
Reset
11000000
Bit
Description
7-0
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in Binary format.
When bits 7 and 6 are both set to one (‘11’), unconditional match is selected (default).
Bit
76543210
Name
Century Data
Reset
00000000
Bit
Description
7-0
Century Data. Values may be 00 to 99 in BCD format or 00 to 63 in Binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com