Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 157Page - National Semiconductor (TI) PC87414 Datasheet HTML 158Page - National Semiconductor (TI) PC87414 Datasheet HTML 159Page - National Semiconductor (TI) PC87414 Datasheet HTML 160Page - National Semiconductor (TI) PC87414 Datasheet HTML 161Page - National Semiconductor (TI) PC87414 Datasheet HTML 162Page - National Semiconductor (TI) PC87414 Datasheet HTML 163Page - National Semiconductor (TI) PC87414 Datasheet HTML 164Page - National Semiconductor (TI) PC87414 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 257 page
background image
Revision 1.2
161
www.national.com
9.0
System Wake-Up Control (SWC)
9.1
OVERVIEW
The System Wake-Up Control supports the ACPI Specification, Revision 1.0b, Feb. 2, 1999.
The SWC functional block receives external events from the system and internal events from the functional blocks of the
PC8741x device. Using these events together with the ACPI sleep state information supplied by the software or by external
signals, the SWC generates system interrupts (IRQ, SIOSMI) and Power Management signals (SIOSCI, ONCTL,
PWBTOUT). In addition, it controls two LED indicators and contains two Power Active timers and a watchdog timer.
The SWC receives the following external events:
• Sixteen V
SB-powered General-Purpose Input/Output events (GPIOE10-17 and GPIOE40-47).
• Two Modem Ring events (RI1 and RI2).
• Mouse movement and button pressing events (via MCLK and MDAT).
• Advanced key pressing events from the Keyboard (via KBCLK and KBDAT).
• Power and Sleep buttons pressing events (PWBTIN and SLBTIN).
The SWC receives the following internal events:
• RTC alarm event.
• Keyboard and Mouse interrupt event (IRQ).
• Module interrupt (IRQ) event from the Legacy functional blocks (FDC, Parallel Port and Serial Ports 1 and 2) and from
the XIRQ pin (mapped to IRQ).
• Watchdog time-out event.
• Software V
DD On and VDD Off requests.
The SWC receives sleep state information either by software (writing the ACPI, SLP_TYPx and SLP_EN bits) or via the
SLPS3 and SLPS5 pins from an external ACPI controller. In Legacy Power Button mode, the Power button can generate an
S5 sleep state.
The SWC implements three ACPI fixed register groups: PM1 Event Group (block b), PM1 Control Group (block b) and Gen-
eral-Purpose Event 1 Group. The unimplemented functions in the first two groups (block b) are supported by returning zero.
The SWC generates the system interrupts, IRQ (via SERIRQ) and SMI (via SIOSMI), based on the external and internal
events (except GPIOE events) and on the routing information written into its registers. GPIOE events, the exception, are
routed to the IRQ and SMI by the GPIO functional block. The IRQ and SMI interrupts are independent of the sleep state.
The SWC generates the Power Management signals (the ACPI interrupt—SIOSCI, the ONCTL signal for the VDD power
supply control and the PWBTOUT signal, which is used by an external ACPI controller) based on the same external and
internal events, on routing information and on the current sleep state. The ONCTL and PWBTOUT signals are enabled ac-
cording to the current sleep state, based on information written into the SWC registers. In Legacy Power Button mode,
ONCTL is controlled by the Power button external event. The ACPI-compatible SCI interrupt is independent of the current
sleep state.
Two functions bypass event routing by the sleep state mechanism and directly affect the ONCTL and PWBTOUT signals.
These are:
q
Power Button Override, which forces the VDD power supply off if the Power button is continuously pressed for more
than four seconds.
q
Crowbar, which releases the VDD Power On request if the VDD power supply refuses to turn on.
In addition, the SWC controls two LED indicators. Control is based on the current sleep state information or on the status of
the VSB and VDD power. The SWC also includes two Power Active timers that measure the time the VSB and VDD power
supplies are active (On).
Another function included in the SWC is the watchdog timer. If the watchdog is not retriggered by one of its event sources
and reaches time-out, it generates an SMI (via SIOSMI) or an SCI (via SIOSCI) interrupt. In addition, the watchdog gener-
ates a pulse at the WDO pin.
The SWC contains two Power Management registers that allow the software to disable each Legacy module and to TRI-
STATE its outputs in a centralized manner.
The SWC module is powered by the VPP plane (see Section 2.1 on page 32). However, during Power Fail state (i.e., when
only VBAT is present), the module functions (event detection, output generation and time counting) are disabled and only the
VPP-powered registers retain their data.
Figure 47 shows the simplified block diagram of the SWC functional block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com