Electronic Components Datasheet Search
  English  ▼

X  

PCI9060SD Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # PCI9060SD
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060SD Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button PCI9060SD Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 40Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 31
Version 1.02
    


  
   
   
  
   
  
   
  
   
  
  
  
  
  
  
  
  ! 
  
  ! 
  
  ! 
  
  ! 
  
Figure 3-18. Chaining Mode DMA from PCI to Local
3.7.3 DMA Data Transfers
PCI 9080 DMA controller can be programmed to transfer
data from the local bus side to the PCI bus side or from
the PCI bus side to the local bus side. Refer to Figure
3-19 and Figure 3-20 for a description of the operation.
3.7.3.1 Local to PCI Bus DMA Transfer
  +  3
  +  3
•    &   +
 4  ..5 +" " #6
   # " 2 
 ,(% ) 6  
  46   
  
0  7
+
+   &   &   +
   "" "+ &
    ..5 +" 4+6
 &    $ &  
 47
•


 !


•
•
8 ..5 
 
  #
 ..5 
 
 #
,(%9 *:9 5 5
•
  !  3
    &  +$ &6
   " #6  
!   +#  & 
&"   &  
(2      7
•
  !  3
    &  +$ &6 
  " #6   !
  +#  & 
&"   &   (2
     7
•
•
   , 
/""+1

 3 %"
 & 
 
•
•
   , 
/""+1

 3 %"
 & 
 
   &   +  4
 ..5 +" &6 "  
 6    # " 26
 *:    6   
   + 0  7
+   &   &   +
   "" "+ &
" #     ..5 +"
4+7 &    # " 
26       " 27
Figure 3-19. Local to PCI Bus DMA Data Transfer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com