Electronic Components Datasheet Search
  English  ▼

X  

PCI9060SD Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # PCI9060SD
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060SD Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button PCI9060SD Datasheet HTML 44Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 45Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 46Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 47Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 48Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 39
Version 1.02
specifies that the number of message frames allocated
should be less than or equal to the number of entries in
a FIFO. (Refer to Figure 3-24 for additional information.)
Each inbound MFA is specified by I2O as the offset from
the start of shared local (IOP) memory region 0 to the
start of the message frame. Each outbound MFA is
specified as the offset from Host memory location
0x00000000h to the start of the message frame in
shared Host memory. Since the MFA is an actual
address, the message frames need not be contiguous.
IOP allocates and initializes inbound message frames in
shared
IOP
memory
using
any
suitable
memory
allocation technique.
Host
allocates
and
initializes
outbound message frames in shared Host memory using
any suitable memory allocation technique. Message
frames are a minimum of 64 bytes in length.
I2O uses a “push” (write preferred) memory model. That
means that the IOP will write messages and data to the
shared Host memory, and the Host will write messages
and data to shared IOP memory. Software should make
use of burst and DMA transfers whenever possible to
ensure efficient use of the PCI bus for message passing.
Additional
information
on
message
passing
implementation may be found in the
I2O Architecture
Specification v1.5.
3.13.4 Inbound Free List FIFO
The local processor allocates inbound message frames
in its shared memory and can place the address of a
free (available) message frame into the Inbound Free
List FIFO by writing its MFA into the FIFO location
pointed to by the Queue Base Register + Inbound Free
Head Pointer Register. The local processor must then
increment the Inbound Free Head Pointer Register.
A PCI master (Host or another IOP) can obtain the MFA
of a free message frame by reading the Inbound Queue
Port Address (40h of the first PCI Memory Base Address
Register). If FIFO is empty (no free inbound message
frames are currently available, head and tail pointers are
equal), the MU returns a value of -1 (FFFFFFFFh). If
FIFO is not empty (head and tail pointers are not equal),
the MU reads the MFA pointed to by the Queue Base
Register + Inbound Free Tail Pointer Register, returns its
value and increments the Inbound Free Tail Pointer
Register. If Inbound Free Queue is not empty, and
queue prefetching is enabled (QSR Register bit 3), the
next entry in the FIFO is read from the local bus into a
prefetch register. The prefetch register then provides the
data for the next PCI read from this queue, thus reducing
the number of PCI wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com