Electronic Components Datasheet Search
  English  ▼

X  

PCI9060SD Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # PCI9060SD
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060SD Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button PCI9060SD Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 66
Version 1.02
4.4.5 (EROMRR; PCI:10h, LOC:90h) Expansion ROM Range Register
Table 4-37. (EROMRR; PCI:10h, LOC:90h) Expansion ROM Range Register
Field
Description
Read
Write
Value after Reset
10:0
Reserved.
Yes
No
0
31:11
Specifies which PCI address bits to use for decoding a PCI to local bus expansion
ROM. Each of the bits corresponds to a PCI address bit. Bit 31 corresponds to
Address bit 31. Write a value of 1 to all bits to be included in decode and a 0 to all
others (used in conjunction with PCI Configuration register 30h). Default is 64 KB.
Yes
Yes
FFFF00h
Note:
Range (not Range register) must be power of 2. “Range register value” is the inverse of range.
4.4.6
(EROMBA; PCI:14h, LOC:94h) Expansion ROM Local Base Address (Remap) Register
and BREQo Control
Table 4-38. (EROMBA; PCI:14h, LOC:94h) Expansion ROM Local Base Address (Remap) Register and BREQo
Control
Field
Description
Read
Write
Value after Reset
3:0
Direct Slave BREQo (Backoff Request Out) Delay Clocks. Number of local bus
clocks in which a Direct Slave HOLD request is pending and a Local Direct Master
access is in progress and not being granted the bus (LHOLDA) before asserting
BREQo. Once asserted, BREQo remains asserted until the PCI 9080 receives
LHOLDA (LSB = 8 or 64 clocks).
Yes
Yes
0
4
Local Bus BREQo Enable. Value of 1 enables PCI 9080 to assert the BREQo
output.
Yes
Yes
0
5
BREQo Timer-Resolution. Value of 1 changes the LSB of the BREQo timer from 8
to 64 clocks.
Yes
Yes
0
10:6
Reserved.
Yes
No
0
31:11
Remap of PCI Expansion ROM Space into a Local Address Space. The bits in this
register remap (replace) the PCI address bits used in decode as the local address
bits.
Yes
Yes
0
Note:
Remap Address value must be multiple of Range (not the Range register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com