Electronic Components Datasheet Search
  English  ▼

X  

HD29468 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD29468
3
Electrical Characteristics
Driver (VCC = 5.0 V
±5 %, Ta = 0 to +75°C)
Item
Symbol
VIH
VIK
VOH
High Level Input Voltage
VIL
Input Clamp Voltage
Max
4.1
–1200
100
0.8
–1.5
Low Level Input Voltage
High Level Output Voltage
Min
2.0
3.11
Unit
V
V
V
V
V
µA
mA
Low Level Output Voltage
High Level Input Current
DI
DE
Low Level Input Current
DI
DE
High Level Output Current
Short Circuit Output Current
VCC = 4.75 V, VIH = 4.5 V, VOH = 5.0 V
Conditions
VCC = 4.75 V, IIN = –18 mA
VCC = 4.75 V, VIH = 2.0 V
IOH = –59.3 mA (Ta = 25
°C)
VCC = 5.25 V, VIH = 2.0 V
IOH = –78.1 mA
VCC = 5.25 V, VIL = 0.8 V
IOL = –0.24 mA, V IH = 4.5 V
VCC = 5.25 V, VIH = 2.7 V
VCC = 5.25 V, VIL = 0.4 V
VCC=4.75 V, VIL = 0 V, VOH = 5.0 V
VCC = 5.25 V, VIH = 4.5 V
VOL
IIH
IIL
IOH
IOS
0.15
20
µA
–30
100
–400
60
Receiver (Ta = 0 to +75
°C)
Item
Symbol
VOTH
VOTL
High Level Output
Threshold Voltage
Max
–100
0.5
High Level Output Voltage
Min
2.7
Unit
V
V
V
Low Level Output Voltage
Input Resistance
Short Circuit Output Current
Conditions
VCC = 4.75 V
IOL = 8 mA
VCC = 0 V
VCC = 5.25 V, VIL = 0.15 V
VOL
IIL
0.5
20
k
Ω
–0.24
0.42
Low Level Output
Threshold Voltage
High Level Input Current
Low Level Input Current
IOS
VCC = 5.25 V, VIL = 0 V
VCC = 4.75 V, VIH = 3.11 V
VCC = 4.75 V, VIL = 1.15 V
IOH = –400
µA
VOH
RIN
IIH
VCC = 5.25 V, VIH = 1.55 V
IOL = 8 mA
VCC = 4.75 V, VIN : Open
IOH = –400
µA
2.7
V
VIH = 1.55 V
IOL = 4 mA
0.4
mA
mA
mA
7.4
–20
0.04
µA
HD29468



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com