Electronic Components Datasheet Search
  English  ▼

X  

HD29468 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HD29468
Driver / Receiver (Ta = 0 to +75
°C)
Item
Symbol
ICCH
Supply Voltage
Max
Min
Unit
Conditions
VCC = 5.25 V, VIH = 4.5 V
ICCL
VCC = 5.25 V, VIL = 0 V
mA
37
55
Switching Characteristics
Item
Symbol
Min
Max
Unit
Conditions
tPLH
Rise Propagation
Delay Time
Driver (VCC = 5.0 V, Ta = 25
°C)
6.5
18.5
ns
6.5
18.5
ns
Fall Propagation
Delay Time
tPHL
Propagation Delay
Time Difference
10
ns
RL = 47.5
Ω
∆tPD
*1
Note: 1.
∆tPD= tPLH – tPHL
Item
Symbol
Min
Max
Unit
Conditions
tPLH
Rise Propagation
Delay Time
Receiver (VCC = 5.0 V, Ta = 25
°C)
7.5
19.5
ns
7.5
19.5
ns
Fall Propagation
Delay Time
tPHL
Propagation Delay
Time Difference
10
ns
RL = 2 k
Ω, CL = 15pF
∆tPD
*1
Note: 1.
∆tPD= tPLH – tPHL
HD29468



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com