Electronic Components Datasheet Search
  English  ▼

X  

HD29468 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HD29468
Pulse Generator
ZOUT = 50
Ω
RL = 2 kW
VCC
Input
50
Ω
tr
10 %
90 %
1.4 V
10 %
90 %
1.4 V
tf
0 V
Input
3 V
1.3 V
1.3 V
Output
tPHL
tPLH
VOH
VOL
Notes: 1. tr = tf = 10 ns
2. Input waveforms : PRR = 1 MH Z, duty cycle 50 %
Output
1S2074 H
CL = 15 pF
VCC = +5.0 V
Note: 1. CL includes probe and jig capacitance.
Driver
Test Circuit
Waveforms
HD29468



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com