Electronic Components Datasheet Search
  English  ▼

X  

HD29468 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
HD29468
Ta = 25
°C
RL = 47.5
Ω
VCC = 5.25 V
VCC = 5.0
VCC = 4.75
5
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
Driver VIN – VOUT
Input Voltage VIN (V)
5
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
Input Voltage V IN (V)
Ta = 25
°C
VCC = 5.0 V
VCC = 5.25 V
VCC = 4.75 V
Receiver VIN – VOUT
Ta = 25
°C
VCC = 5.0 V
–20
–40
–60
–80
–100
5
4
3
2
1
0
Output Current I OUT (mA)
Receiver IOUT – VOUT
5
4
3
2
1
0
Ta = 25
°C
VCC = 5.0 V
Output Current I OUT (mA)
Driver IOUT – VOUT
–50
–100
–150
–200
–250
HD29468



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com