Electronic Components Datasheet Search
  English  ▼

X  

HD29468 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD29468
Description  Triple Line Drivers / Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29468 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD29468 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29468 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD29468
Triple Line Drivers / Receivers
The HD29468 features line drivers and receivers
for unbalanced transmissions, which meet the specs
of IBM 360 and 370. This device has three drivers
and receivers in one package. Input of driver and
output of receiver are compatible with low power
schottky TTL circuit and operates from a single 5
V power supply. The driver has two types of
enable inputs. Sprius noise can be prevented by
grounding either input when power supply is throw
or cut off. The outputs are protected from short
circuit and the wired logic is available due to
emitter follower from for party
line data bus applications. The device operates at
high speed. Low to high level and high to low level
propagation delay times defference are 10 ns max.
Pin Arrangement
(Top View)
VCC
1
2
3
4
5
6
7
8
DE1
9
10
11
12
13
14
15
16
RI1
RO1
RO2
RI3
RO3
GND
DO1
DI1
DO2
DO3
DI3
DE2
RI2
DI2
Function Table
DE1
L
X
DO
L
Driver
Input
Output
DI
LX
DE2
X
XL
X
H
X
H
L
H
L
H
High level
Low level
Immaterial
H
L
X
:
:
:
L
Receiver
Input
RI
Output
RO
H
H
L


Similar Part No. - HD29468

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
HD29468P RENESAS-HD29468P Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
More results

Similar Description - HD29468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN55122 TI-SN55122 Datasheet
102Kb / 7P
TRIPLE LINE RECEIVERS
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
logo
Texas Instruments
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
LINE DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com