Electronic Components Datasheet Search
  English  ▼

X  

BSH108 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSH108
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH108 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSH108 Datasheet HTML 1Page - NXP Semiconductors BSH108 Datasheet HTML 2Page - NXP Semiconductors BSH108 Datasheet HTML 3Page - NXP Semiconductors BSH108 Datasheet HTML 4Page - NXP Semiconductors BSH108 Datasheet HTML 5Page - NXP Semiconductors BSH108 Datasheet HTML 6Page - NXP Semiconductors BSH108 Datasheet HTML 7Page - NXP Semiconductors BSH108 Datasheet HTML 8Page - NXP Semiconductors BSH108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
BSH108
N-channel enhancement mode field-effect transistor
Product specification
Rev. 02 — 25 October 2000
5 of 13
9397 750 07652
© Philips Electronics N.V. 2000. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID =10 µA; VGS =0V
Tj =25 °C30
40
−
V
Tj = −55 °C27
−−
V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 150 °C
0.5
−−
V
Tj = −55 °C
−−
3.2
V
IDSS
drain-source leakage current
VDS =24V; VGS =0V
Tj =25 °C
−
0.01
1.0
µA
Tj = 150 °C
−−
10
µA
IGSS
gate-source leakage current
VGS = ±10 V; VDS =0V
−
10
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID =1A; Figure 7 and 8
Tj =25 °C
−
77
120
m
Ω
VGS =5V; ID =1A; Figure 7 and 8
Tj =25 °C
−
102
140
m
Ω
Tj = 150 °C
−
170
240
m
Ω
Dynamic characteristics
gfs
forward transconductance
VDS =10V; ID =1A; Figure 11
2
4.5
−
S
Qg(tot)
total gate charge
VDD =15V; VGS =10V; ID =5A; Figure 14
−
6.4
10
nC
Qgs
gate-source charge
−
0.5
−
nC
Qgd
gate-drain (Miller) charge
−
1.3
−
nC
Ciss
input capacitance
VGS =0V; VDS = 10 V; f = 1 MHz; Figure 12
−
190
−
pF
Coss
output capacitance
−
70
−
pF
Crss
reverse transfer capacitance
−
50
−
pF
td(on)
turn-on delay time
VDD =10V; RL =10 Ω; VGS =10V; RG =6 Ω−
3
−
ns
tr
rise time
−
8
−
ns
td(off)
turn-off delay time
−
15
−
ns
tf
fall time
−
26
−
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 0.83 A; VGS =0V; Figure 13
−
0.8
1.2
V
trr
reverse recovery time
IS = 1 A; dIS/dt = −100 A/µs; VGS =0V;
VDS =25V
−
25
−
ns
Qr
recovered charge
−
20
−
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com