Electronic Components Datasheet Search
  English  ▼

X  

BSH108 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSH108
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH108 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSH108 Datasheet HTML 1Page - NXP Semiconductors BSH108 Datasheet HTML 2Page - NXP Semiconductors BSH108 Datasheet HTML 3Page - NXP Semiconductors BSH108 Datasheet HTML 4Page - NXP Semiconductors BSH108 Datasheet HTML 5Page - NXP Semiconductors BSH108 Datasheet HTML 6Page - NXP Semiconductors BSH108 Datasheet HTML 7Page - NXP Semiconductors BSH108 Datasheet HTML 8Page - NXP Semiconductors BSH108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
BSH108
N-channel enhancement mode field-effect transistor
Product specification
Rev. 02 — 25 October 2000
3 of 13
9397 750 07652
© Philips Electronics N.V. 2000. All rights reserved.
VGS ≥ 5V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tsp =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa17
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
P
der
Tsp (
o
C)
(%)
03aa25
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
I
der
T
sp
(
o
C)
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03aa80
10-3
10-2
10-1
1
10
10-1
110
102
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon =VDS/ID
1ms
tp =10 µs
100 µs
Tsp =25oC
tp
tp
T
P
t
T
δ =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com