Electronic Components Datasheet Search
  English  ▼

X  

BSH108 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSH108
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH108 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSH108 Datasheet HTML 1Page - NXP Semiconductors BSH108 Datasheet HTML 2Page - NXP Semiconductors BSH108 Datasheet HTML 3Page - NXP Semiconductors BSH108 Datasheet HTML 4Page - NXP Semiconductors BSH108 Datasheet HTML 5Page - NXP Semiconductors BSH108 Datasheet HTML 6Page - NXP Semiconductors BSH108 Datasheet HTML 7Page - NXP Semiconductors BSH108 Datasheet HTML 8Page - NXP Semiconductors BSH108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BSH108
N-channel enhancement mode field-effect transistor
Rev. 02 — 25 October 2000
Product specification
c
c
M3D088
1.
Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™1 technology.
Product availability:
BSH108 in SOT23.
2.
Features
s TrenchMOS™ technology
s Very fast switching
s Logic level compatible
s Subminiature surface mount package.
3.
Applications
s Battery management
s High speed switch
s Low power DC to DC converter.
4.
Pinning information
1.
TrenchMOS is a trademark of Royal Philips Electronics.
Table 1:
Pinning - SOT23, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT23
2
source (s)
3
drain (d)
MSB003
Top view
12
3
s
d
g
MBB076


Similar Part No. - BSH108

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
BSH108 ZPSEMI-BSH108 Datasheet
265Kb / 2P
N-channel enhancement mode field-effect transistor
logo
TY Semiconductor Co., L...
BSH108 TYSEMI-BSH108 Datasheet
206Kb / 2P
N-channel enhancement mode field-effect transistor
logo
Nexperia B.V. All right...
BSH108 NEXPERIA-BSH108 Datasheet
418Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 02 - 25 October 2000
logo
TECH PUBLIC Electronics...
BSH108 TECHPUBLIC-BSH108 Datasheet
2Mb / 6P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - BSH108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com