Electronic Components Datasheet Search
  English  ▼

X  

LM4610 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4610 Datasheet HTML 1Page - National Semiconductor (TI) LM4610 Datasheet HTML 2Page - National Semiconductor (TI) LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics (Continued)
Note 2: The maximum permissible input level is dependent on tone and volume settings. See Application Notes.
Note 3: The tone control range is defined by capacitors Cb and Ct. See Application Notes.
Note 4: Gaussian noise, measured over a period of 50 ms per channel, with a CCIR filter referenced to 2 kHz and an average-responding meter.
Typical Performance Characteristics
Volume Control
Characteristics
DS101125-20
Balance Control
Characteristic
DS101125-21
Tone Control Characteristic
DS101125-22
Tone Characteristic (Gain
vs Frequency)
DS101125-23
Tone Characteristic (Gain
vs Frequency)
DS101125-24
Loudness Compensated
Volume Characteristic
DS101125-25
Input Signal Handling vs
Supply Voltage
DS101125-33
THD vs Gain
DS101125-27
Channel Separation vs
Frequency
DS101125-28
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com