Electronic Components Datasheet Search
  English  ▼

X  

LM4610 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4610 Datasheet HTML 1Page - National Semiconductor (TI) LM4610 Datasheet HTML 2Page - National Semiconductor (TI) LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4610
Dual DC Operated Tone/Volume/Balance Circuit with
National 3-D Sound
General Description
The LM4610 is a DC controlled tone (bass/treble), volume
and balance circuit for stereo applications in car radio, TV
and audio systems. It also features National’s 3D-Sound Cir-
cuitry which can be externally adjusted via a simple RC Net-
work. An additional control input allows loudness compensa-
tion to be simply effected.
Four control inputs provide control of the bass, treble, bal-
ance and volume functions through application of DC volt-
ages from a remote control system or, alternatively, from four
potentiometers which may be biased from a zener regulated
supply provided on the circuit.
Each tone response is defined by a single capacitor chosen
to give the desired characteristic.
Features
n National 3-D Sound
n Wide supply voltage range, 9V to 16V
n Large volume control range, 75 dB typical
n Tone control, ±15 dB typical
n Channel separation, 75 dB typical
n Low distortion, 0.06% typical for an input level of 0.3
Vrms
n High signal to noise, 80 dB typical for an input level of
0.3 Vrms
n Few external components required
Block and Connection Diagram
Dual-In-Line Package
DS101125-1
Order Number LM4610N
See NS Package Number N24A
May 1999
© 1999 National Semiconductor Corporation
DS101125
www.national.com


Similar Part No. - LM4610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
Dual DC Operated Tone/Volume/Balance Circuit
More results

Similar Description - LM4610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
Dual DC Operated Tone/Volume/Balance Circuit
logo
NTE Electronics
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
Integrated Circuit Dual Volume Control/Balance/Tone
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
Dual DC Operated Tone/Volume/Balance Circuit
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
LM1036 Dual DC Operated Tone/Volume/Balance Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com