Electronic Components Datasheet Search
  English  ▼

X  

LM4610 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4610 Datasheet HTML 1Page - National Semiconductor (TI) LM4610 Datasheet HTML 2Page - National Semiconductor (TI) LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Application Notes (Continued)
may be used provided the output level does not exceed
1 Vrms, V
CC=12V (0.7 Vrms, VCC=9V). At reduced gain
(<−6 dB)the input stage will overload if the input level ex-
ceeds 1.6 Vrms, V
CC=12V (1.1 Vrms, VCC=9V). As there is
volume control on the input stages, the inputs may be oper-
ated with a lower overload margin than would otherwise be
acceptable, allowing a possible improvement in signal to
noise ratio.
Application Circuit
Applications Information
OBTAINING MODIFIED RESPONSE CURVES
The LM4610 is a dual DC controlled bass, treble, balance
and volume integrated circuit ideal for stereo audio systems.
In the various applications where the LM4610 can be used,
there may be requirements for responses different to those
of the standard application circuit given in the data sheet.
This application section details some of the simple variations
possible on the standard responses, to assist the choice of
optimum characteristics for particular applications.
TONE CONTROLS
Summarizing the relationship given in the data sheet, basi-
cally for an increase in the treble control range C
t must be in-
creased, and for increased bass range C
b must be reduced.
Figure 1 shows the typical tone response obtained in the
standard application circuit. (C
t=0.01 µF, Cb=0.39 µF). Re-
sponse curves are given for various amounts of boost and
cut.
Figure 2 and Figure 3 show the effect of changing the re-
sponse defining capacitors C
t and Cb to 2Ct, Cb/2 and 4Ct,
C
b/4 respectively, giving increased tone control ranges. The
values of the bypass capacitors may become significant and
affect the lower frequencies in the bass response curves.
DS101125-35
DS101125-4
FIGURE 1. Tone Characteristic (Gain vs Frequency)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com