Electronic Components Datasheet Search
  English  ▼

X  

LM4610 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4610 Datasheet HTML 2Page - National Semiconductor (TI) LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) LM4610 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Applications Information (Continued)
Figure 4 shows the effect of changing C
t and Cb in the oppo-
site direction to C
t/2, 2Cb respectively giving reduced control
ranges. The various results corresponding to the different C
t
and C
b values may be mixed if it is required to give a particu-
lar emphasis to, for example, the bass control. The particular
case with C
b/2, Ct is illustrated in Figure 5.
RESTRICTION OF TONE CONTROL ACTION AT HIGH
OR LOW FREQUENCIES
It may be desired in some applications to level off the tone
responses above or below certain frequencies for example
to reduce high frequence noise.
This may be achieved for the treble response by including a
resistor in series with C
t. The treble boost and cut will be 3
dB less than the standard circuit when R=X
C.
A similar effect may be obtained for the bass response by re-
ducing the value of the AC bypass capacitors on pins 7
(channel 1) and 18 (channel 2). The internal resistance at
these pins is 1.3 k
Ω and the bass boost/cut will be approxi-
mately 3 dB less with X
C at this value. An example of such
modified response curves is shown in
Figure 6. The input
coupling capacitors may also modify the low frequency re-
sponse.
It will be seen from
Figure 2 and Figure 3 that modifying C
t
and C
b for greater control range also has the effect of flatten-
ing the tone control extremes and this may be utilized, with
or without additional modification as outlined above, for the
most suitable tone control range and response shape.
OTHER ADVANTAGES OF DC CONTROLS
The DC controls make the addition of other features easy to
arrange. For example, the negative-going peaks of the out-
put amplifiers may be detected below a certain level, and
used to bias back the bass control from a high boost condi-
tion, to prevent overloading the speaker with low frequency
components.
LOUDNESS CONTROL
The loudness control is achieved through control of the tone
sections by the voltage applied to pin 9; therefore, the tone
and loudness functions are not independent. There is nor-
mally 1 dB more bass than treble boost (40 Hz–16 kHz) with
loudness control in the standard circuit. If a greater differ-
ence is desired, it is necessary to introduce an offset by
means of C
t or Cb or by changing the nominal control voltage
ranges.
Figure 7 shows the typical loudness curves obtained in the
standard application circuit at various volume levels
(C
b=0.39 µF).
DS101125-5
FIGURE 2. Tone Characteristic (Gain vs Frequency)
DS101125-6
FIGURE 3. Tone Characteristic (Gain vs Frequency)
DS101125-7
FIGURE 4. Tone Characteristic (Gain vs Frequency)
DS101125-8
FIGURE 5. Tone Characteristic (Gain vs Frequency)
DS101125-9
FIGURE 6. Tone Characteristic (Gain vs Frequency)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com