Electronic Components Datasheet Search
  English  ▼

X  

LM4610 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4610
Description  Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4610 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4610 Datasheet HTML 3Page - National Semiconductor (TI) LM4610 Datasheet HTML 4Page - National Semiconductor (TI) LM4610 Datasheet HTML 5Page - National Semiconductor (TI) LM4610 Datasheet HTML 6Page - National Semiconductor (TI) LM4610 Datasheet HTML 7Page - National Semiconductor (TI) LM4610 Datasheet HTML 8Page - National Semiconductor (TI) LM4610 Datasheet HTML 9Page - National Semiconductor (TI) LM4610 Datasheet HTML 10Page - National Semiconductor (TI) LM4610 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Applications Information (Continued)
Figure 8 and Figure 9 illustrate the loudness characteristics
obtained with C
b changed to Cb/2 and Cb/4 respectively, Ct
being kept at the nominal 0.01 µF. These values naturally
modify the bass tone response as in
Figure 2 and Figure 3.
With pins 9 (loudness) and 14 (volume) directly connected,
loudness control starts at typically −8 dB volume, with most
of the control action complete by −30 dB.
Figure 10 and Figure 11 show the effect of resistively offset-
ting the voltage applied to pin 9 towards the control refer-
ence voltage (pin 19). Because the control inputs are high
impedance, this is easily done and high value resistors may
be used for minimal additional loading. It is possible to re-
duce the rate of onset of control to extend the active range to
−50 dB volume control and below.
The control on pin 9 may also be divided down towards
ground bringing the control action on earlier. This is illus-
trated in
Figure 12, With a suitable level shifting network be-
tween pins 14 and 9, the onset of loudness control and its
rate of change may be readily modified.
When adjusted for maximum boost in the usual application
circuit, the LM4610 cannot give additional boost from the
loudness control with reducing gain. If it is required, some
additional boost can be obtained by restricting the tone con-
trol range and modifying C
t,Cb, to compensate. A circuit il-
lustrating this for the case of bass boost is shown in Figure
13. The resulting responses are given in
Figure 14 showing
the continuing loudness control action possible with bass
boost previously applied.
DS101125-10
FIGURE 7. Loudness Compensated Volume
Characteristic
DS101125-11
FIGURE 8. Loudness Compensated Volume
Characteristic
DS101125-12
FIGURE 9. Loudness Compensated Volume
Characteristic
DS101125-13
FIGURE 10. Loudness Compensated Volume
Characteristic
DS101125-14
FIGURE 11. Loudness Compensated Volume
Characteristic
DS101125-15
FIGURE 12. Loudness Compensated Volume
Characteristic
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com