Electronic Components Datasheet Search
  English  ▼

X  

ADS808 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS808
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS808 Datasheet(HTML) 2 Page - Texas Instruments

  ADS808 Datasheet HTML 1Page - Texas Instruments ADS808 Datasheet HTML 2Page - Texas Instruments ADS808 Datasheet HTML 3Page - Texas Instruments ADS808 Datasheet HTML 4Page - Texas Instruments ADS808 Datasheet HTML 5Page - Texas Instruments ADS808 Datasheet HTML 6Page - Texas Instruments ADS808 Datasheet HTML 7Page - Texas Instruments ADS808 Datasheet HTML 8Page - Texas Instruments ADS808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADS808
2
SBAS179C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, differential input range = 1V to 2V, sampling rate = 70MHz, VS = +5V, and internal reference, unless otherwise noted.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS808Y
TQFP-48
PHP
–40
°C to +85°C
ADS808Y
ADS808Y/250
Tape and Reel, 250
""
"
"
"
ADS808Y/2K
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
+VS ....................................................................................................... +6V
Analog Input .......................................................... (–0.3V) to (+VS + 0.3V)
Logic Input ............................................................ (–0.3V) to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ADS808Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12 Tested
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
°C
ANALOG INPUT
Standard Differential Input Range
(1Vp-p • 2, +10dBm)
1
2
V
Single-Ended Input Voltage
1Vp-p
2
3
V
Common-Mode Voltage
2.5
V
Optional Input Ranges
Selectable
1Vp-p or 1.5Vp-p
V
Analog Input Bias Current
1
µA
Track-Mode Input Bandwidth
–3dBFS
1
GHz
Input Impedance
Static, No Clock
1.25 || 9
M
Ω || pF
CONVERSION CHARACTERISTICS
Sample Rate
1M
70M
Samples/s
Data Latency
5
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (largest code error)
f = 1MHz
±0.7
+1.7/–1.0
LSB
No Missing Codes
Tested
Integral Nonlinearity Error, f = 1MHz
±4.0
±7.0
LSBs
Spurious-Free Dynamic Range(1)
f = 1MHz
72
dBFS(2)
f = 10MHz
65
68
dBFS
2-Tone Intermodulation Distortion
fIN = 19.4MHz and 20.4MHz (–7dB each tone)
–77
dBFS
Signal-to-Noise Ratio (SNR)
f = 1MHz
64.5
dBFS
f = 10MHz
64
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 2.2MHz
64
dBFS
f = 10MHz
63
dBFS
Output Noise
Input AC-Grounded
0.3
LSBs rms
Aperture Delay Time
3ns
Aperture Jitter
0.25
ps rms
Over-Voltage Recovery Time
2ns
Full-Scale Step Acquisition Time
5ns
DIGITAL INPUTS
Logic Family
+3V/+5V Logic Compatible CMOS
Convert Command
Start Conversion
Rising Edge of Convert Clock
High-Level Input Current (VIN = 5V)(3)
100
µA
Low-Level Input Current (VIN = 0V)
±10
µA
High-Level Input Voltage
+2.0
V
Low-Level Input Voltage
+1.0
V
Input Capacitance
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com