Electronic Components Datasheet Search
  English  ▼

X  

ADS808 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS808
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS808 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS808 Datasheet HTML 7Page - Texas Instruments ADS808 Datasheet HTML 8Page - Texas Instruments ADS808 Datasheet HTML 9Page - Texas Instruments ADS808 Datasheet HTML 10Page - Texas Instruments ADS808 Datasheet HTML 11Page - Texas Instruments ADS808 Datasheet HTML 12Page - Texas Instruments ADS808 Datasheet HTML 13Page - Texas Instruments ADS808 Datasheet HTML 14Page - Texas Instruments ADS808 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADS808
11
SBAS179C
www.ti.com
attenuate some of the wideband noise. The actual compo-
nent values would need to be tuned for the individual appli-
cation requirements. As a guideline, resistor values are
typically in the range of 10
Ω to 100Ω, capacitors in the range
of 10pF to 200pF. In any case, the RIN and CIN values should
have a low tolerance. This will ensure that the ADS808 sees
closely matched source impedances.
AC-Coupled, Differential Interface with Gain
The interface circuit example presented in Figure 6 employs
two OPA685s, (current-feedback op amps), optimized for
gains of 8V/V or higher. The input transformer (T1) converts
the single-ended input signal to a differential signal required
at the amplifier’s inverting inputs, that are tuned to provide a
50
Ω impedance match to an assumed 50Ω source. To
achieve the 50
Ω input match at the primary of the 1:2
transformer, the secondary input must see a 200
Ω load
impedance. Both amplifiers are configured for the inverting
mode resulting in close gain and phase matching of the
differential signal. This technique, along with a highly sym-
metrical layout, is instrumental in achieving a substantial
reduction of the 2nd-harmonic, while retaining excellent 3rd-
order performance. A common-mode voltage (VCM) is ap-
plied to the noninverting inputs of the OPA685. Additional
series of 43.2
Ω resistors isolate the output of the op amps
from the capacitive load presented by the 22pF capacitors
and the input capacitance of the ADS808. This 43.2
Ω/22pF
combination sets a pole at approximately 167MHz and rolls
off some of the wideband noise.
REFERENCE
REFERENCE OPERATION
Integrated into the ADS808 is a bandgap reference circuit
including some logic that provides a +0.5V, +0.75V, or +1V
reference output by selecting the corresponding pin-strap
configuration. Table I gives a complete overview of the
possible reference options and pin configurations.
+5V
–5V
OPA685
22pF
22pF
+5V
–5V
600
Ω
OPA685
T1
1:2
50
Ω Source
Noise
Figure
11.8dB
V
CM
V
CM
600
Ω
100
Ω
100
Ω
43.2
Ω
Power-supply decoupling
not shown.
43.2
Ω
V
I
V
O
A/D Converter Input
V
O
V
I
= 12V/V (21.6dB)
DIS
DIS
FIGURE 6. Wideband Differential A/D Converter Driver.
DESIRED FULL-SCALE RANGE,
CONNECT SEL1
CONNECT SEL2
VOLTAGE AT VREF
VOLTAGE AT REFT
VOLTAGE AT REFB
FSR (Differential)
(Pin 33)
(Pin 32)
(Pin 34)
(Pin 41)
(Pin 39)
2Vp-p (+10dBm)
GND
GND
+1.0V
+3V
+2V
1.5Vp-p (+7.5dBm)
GND
+VS
+0.75V
+2.875V
+2.125V
1Vp-p
VREF
GND
+0.5V
+2.75V
+2.25V
External Reference
——
> +3.5V
+2.75V to +4.5V
+0.5V to +2.25V
TABLE I. Reference Pin Configurations and Corresponding Voltage on the Reference Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com