Electronic Components Datasheet Search
  English  ▼

X  

ADS808 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS808
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS808 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS808 Datasheet HTML 2Page - Texas Instruments ADS808 Datasheet HTML 3Page - Texas Instruments ADS808 Datasheet HTML 4Page - Texas Instruments ADS808 Datasheet HTML 5Page - Texas Instruments ADS808 Datasheet HTML 6Page - Texas Instruments ADS808 Datasheet HTML 7Page - Texas Instruments ADS808 Datasheet HTML 8Page - Texas Instruments ADS808 Datasheet HTML 9Page - Texas Instruments ADS808 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS808
6
SBAS179C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, differential input range = 1V to 2V, sampling rate = 70MHz, and internal reference, unless otherwise noted.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
SPECTRAL PERFORMANCE
(Differential, 2Vp-p)
Frequency (MHz)
0
5
10
15
20
25
30
35
f
IN = 1MHz (–1.0dBFS)
SFDR = 71.40dBFS
SNR = 64.41dBFS
SINAD = 63.33dBFS
80
75
70
65
60
55
50
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
Sampling Frequency (MHz)
30
35
40
45
55
50
60
65
70
75
80
f
IN = 1MHz
SNR
SINAD
SFDR
80
75
70
65
60
55
50
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
(2Vp-p, Differential)
Sample Frequency (MHz)
30
35
40
45
55
50
60
65
70
75
80
f
IN = 10MHz
SNR
SINAD
SFDR
80
75
70
65
60
55
50
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
(2Vp-p, Differential)
Sample Frequency (MHz)
40
45
50
60
55
65
70
75
80
f
IN = 20MHz
SNR
SINAD
SFDR
760
740
720
700
680
660
640
620
600
580
560
540
520
500
TOTAL POWER vs SAMPLING FREQUENCY
Sampling Frequency (MHz)
30
35
40
50
45
55
60
70
65
80
75
f
IN = 10MHz
f
IN = 1MHz
75
70
65
60
55
50
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Input Frequency (MHz)
1
6
11
16
21
31
26
SNR
SINAD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com