Electronic Components Datasheet Search
  English  ▼

X  

ADS808 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS808
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS808 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS808 Datasheet HTML 3Page - Texas Instruments ADS808 Datasheet HTML 4Page - Texas Instruments ADS808 Datasheet HTML 5Page - Texas Instruments ADS808 Datasheet HTML 6Page - Texas Instruments ADS808 Datasheet HTML 7Page - Texas Instruments ADS808 Datasheet HTML 8Page - Texas Instruments ADS808 Datasheet HTML 9Page - Texas Instruments ADS808 Datasheet HTML 10Page - Texas Instruments ADS808 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADS808
7
SBAS179C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 1V to 2V, sampling rate = 70MHz, and internal reference, unless otherwise noted.
300k
250k
200k
150k
100k
50k
0
OUTPUT NOISE HISTOGRAM
(2Vp-p, Grounded Input)
Code
N – 1
N
N + 1
N + 2
N – 2
1
0.8
0.6
0.4
0.3
0
–0.2
–0.4
–0.6
–0.8
–1
DIFFERENTIAL LINEARITY ERROR
Code
0
1024
2048
3072
4096
5
4
3
2
1
0
–1
–2
–3
INTEGRAL LINEARITY ERROR
Code
0
1024
2048
3072
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com