Electronic Components Datasheet Search
  English  ▼

X  

BQ2007STR Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2007STR
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2007STR Datasheet(HTML) 4 Page - Texas Instruments

  BQ2007STR Datasheet HTML 1Page - Texas Instruments BQ2007STR Datasheet HTML 2Page - Texas Instruments BQ2007STR Datasheet HTML 3Page - Texas Instruments BQ2007STR Datasheet HTML 4Page - Texas Instruments BQ2007STR Datasheet HTML 5Page - Texas Instruments BQ2007STR Datasheet HTML 6Page - Texas Instruments BQ2007STR Datasheet HTML 7Page - Texas Instruments BQ2007STR Datasheet HTML 8Page - Texas Instruments BQ2007STR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
bq2007
Fast Charging
Top-Off
(Optional)
TD200701.eps
Dis-
charge
(Optional)
Charge
Pending
(Pulse-Trickle)
DIS
MOD
MOD
Mode 1, LED2 Status Output
Charge initiated. Battery outside temperature/voltage limits.
or
Battery discharged to VEDV or battery within
temperature/voltage limits. (Discharge-before-charge not
qualified by temperature.)
Pulse-Trickle
(Switching
Configuration)
(External
Regulation)
Mode 1, LED1 Status Output
Mode 2, LED2 Status Output
Mode 2, LED1 Status Output
Mode 3, LED2 Status Output
260 s
2080 s
260 s
2080 s
260 s
Note
260 s
Note
Note: See Table 4 for pulse-trickle period.
Mode 3, LED1 Status Output
Low-voltage fault: Battery voltage less than VEDV for under-voltage time-out.
Figure 1. Example Charging Action Events
SLUS076A – JULY 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com