Electronic Components Datasheet Search
  English  ▼

X  

BQ2007STR Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2007STR
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2007STR Datasheet(HTML) 1 Page - Texas Instruments

  BQ2007STR Datasheet HTML 1Page - Texas Instruments BQ2007STR Datasheet HTML 2Page - Texas Instruments BQ2007STR Datasheet HTML 3Page - Texas Instruments BQ2007STR Datasheet HTML 4Page - Texas Instruments BQ2007STR Datasheet HTML 5Page - Texas Instruments BQ2007STR Datasheet HTML 6Page - Texas Instruments BQ2007STR Datasheet HTML 7Page - Texas Instruments BQ2007STR Datasheet HTML 8Page - Texas Instruments BQ2007STR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
> Fast charging and conditioning of
NiCd and NiMH batteries
- Precise charging independent
of battery pack number of cells
- Discharge-before-charge on
demand
- Pulse trickle charge
conditioning
- Battery undervoltage and
overvoltage protection
> Built-in 10-step voltage-based
charge status monitoring
- Charge status display options
include seven-segment
monotonic bar graph and fully
decoded BCD digit
- Display interface options for
direct drive of LCD or LED
segments
- Charger state status
indicators for pending,
discharge, charge, completion,
and fault
- Audible alarm for charge
completion and fault
conditions
> Charge control flexibility
- Fast or Standard speed
charging
- Top-off mode for NiMH
- Charge rates from C8 to 2C
(30 minutes to 8 hours)
> Charge termination by:
- Negative delta voltage (-∆ V)
- Peak voltage detect (PVD)
- Maximum voltage
- Maximum time
- Maximum temperature
> High-efficiency switch-mode de-
sign
- Ideal for small heat-sensitive
enclosures
> 24-pin, 300-mil SOIC or DIP
General Description
The bq2007 is a highly integrated
monolithic CMOS IC designed to pro-
vide intelligent battery charging and
charge status monitoring for stand-
alone charge systems.
The bq2007 provides a wide variety of
charge status display formats. The
bq2007 internal charge status moni-
tor supports up to a seven-segment
bar graph or a single BCD digit dis-
play. The bar graph display indicates
up to seven monotonic steps, whereas
the BCD digit counts in ten steps of
10% increments. The bq2007 output
drivers can direct-drive either an
LCD or LED display.
Charge action begins either by appli-
cation of the charging supply or by
replacement of the battery pack. For
safety, charging is inhibited until
battery temperature and voltage are
within configured limits.
1
1
PN200701.eps
24-Pin Narrow DIP
or SOIC
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
SEGC/MSEL
SEGB
SEGA
LED1
LED2
INH
COM
ALARM
TM
VSEL
FAST
DCMD
SEGD/DSEL1
SEGE/DSEL2
SEGF/MULT
SEGG/QDSEL
MOD
VCC
VSS
DIS
TS
BAT
SNS
TCO
Fast-Charge IC
bq2007
Pin Connections
Pin Names
SEGC/
Display output segment C/
MSEL
driver mode select
SEGB
Display output segment B
SEGA
Display output segment A
LED1
Charge status output 1
LED2
Charge status output 2
INH
Charge inhibit input
COM
Common LED/LCD output
ALARM
Audio alarm output
TM
Timer mode select
VSEL
Voltage termination select
FAST
Fast charge rate select
DCMD
Discharge command
TCO
Temperature cutoff
SNS
Sense resistor input
BAT
Battery voltage
TS
Temperature sense
DIS
Discharge control
VSS
System ground
VCC
5.0V
±10% power
MOD
Modulation control
SEGG /
Display output segment G /
QDSEL
charge status display select
SEGF /
Display output segment F /
MULT
multi-cell pack select
SEGE /
Display output segment E /
DSEL2
display select 2
SEGD /
Display output segment D /
DSEL1
display select 1
SLUS076A – JULY 2000


Similar Part No. - BQ2007STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2007S- TI-BQ2007S- Datasheet
172Kb / 16P
Fast-Charge IC
BQ2007S-N TI-BQ2007S-N Datasheet
172Kb / 16P
Fast-Charge IC
More results

Similar Description - BQ2007STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
Lead-Acid Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
Fast-Charge IC
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com