Electronic Components Datasheet Search
  English  ▼

X  

BQ2007STR Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2007STR
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2007STR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2007STR Datasheet HTML 7Page - Texas Instruments BQ2007STR Datasheet HTML 8Page - Texas Instruments BQ2007STR Datasheet HTML 9Page - Texas Instruments BQ2007STR Datasheet HTML 10Page - Texas Instruments BQ2007STR Datasheet HTML 11Page - Texas Instruments BQ2007STR Datasheet HTML 12Page - Texas Instruments BQ2007STR Datasheet HTML 13Page - Texas Instruments BQ2007STR Datasheet HTML 14Page - Texas Instruments BQ2007STR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
bq2007
SLUS076A – JULY 20001
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin ex-
cluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
-20
+70
°C
Commercial
TSTG
Storage temperature
-40
+85
°C
TSOLDER
Soldering temperature
-
+260
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Thresholds (TA =TOPR;VCC =5V ± 10%)
Symbol
Parameter
Rating
Tolerance
Unit
Notes
VSNSHI
High threshold at SNS re-
sulting in MOD = Low
0.05 * VCC
±25
mV
VSNSLO
Low threshold at SNS result-
ing in MOD = High
0.04 * VCC
±10
mV
VLTF
TS pin low-temperature
threshold
0.5 * VCC
±30
mV
SNS = 0V
VHTF
TS pin high-temperature
threshold
VTCO
±30
mV
SNS = 0V
VEDV
End-of-discharge voltage
MULT is pulled up to VCC
0.262 * VCC
±30
mV
SNS = 0V
End-of-discharge voltage
MULT is pulled down to VSS
0.4 * VCC
±30
mV
SNS = 0V
VMCV
BAT pin maximum cell
voltage threshold
0.8 * VCC
±30
mV
SNS = 0V
V20
20% state-of-charge voltage
threshold at the BAT pin
187
320
* VCC
±30
mV
Fast or standard charge state;
MULT pulled to VSS
V40
40% state-of-charge voltage
threshold at the BAT pin
191
320
* VCC
±30
mV
Fast or standard charge state;
MULT pulled to VSS
V60
60% state-of-charge voltage
threshold at the BAT pin
195
320
* VCC
±30
mV
Fast or standard charge state;
MULT pulled to VSS
V80
80% state-of-charge voltage
threshold at the BAT pin
203
320
* VCC
±30
mV
Fast or standard charge state;
MULT pulled to VSS
V20
20% state-of-charge voltage
threshold at the BAT pin
158
320
* VCC
±30
mV
Discharge-before-charge state;
MULT pulled to VSS;DIS=1
V40
40% state-of-charge voltage
threshold at the BAT pin
163
320
* VCC
±30
mV
Discharge-before-charge state;
MULT pulled to VSS;DIS=1
V60
60% state-of-charge voltage
threshold at the BAT pin
167
320
* VCC
±30
mV
Discharge-before-charge state;
MULT pulled to VSS;DIS=1
V80
80% state-of-charge voltage
threshold at the BAT pin
171
320
* VCC
±30
mV
Discharge-before-charge state;
MULT pulled to VSS;DIS=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com