Electronic Components Datasheet Search
  English  ▼

X  

BQ2007STR Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ2007STR
Description  Fast-Charge IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2007STR Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ2007STR Datasheet HTML 8Page - Texas Instruments BQ2007STR Datasheet HTML 9Page - Texas Instruments BQ2007STR Datasheet HTML 10Page - Texas Instruments BQ2007STR Datasheet HTML 11Page - Texas Instruments BQ2007STR Datasheet HTML 12Page - Texas Instruments BQ2007STR Datasheet HTML 13Page - Texas Instruments BQ2007STR Datasheet HTML 14Page - Texas Instruments BQ2007STR Datasheet HTML 15Page - Texas Instruments BQ2007STR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
bq2007
24-Pin DIP Narrow (PN)
24-Pin PN (0.300" DIP)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.160
0.180
4.06
4.57
A1
0.015
0.040
0.38
1.02
B
0.015
0.022
0.38
0.56
B1
0.045
0.055
1.14
1.40
C
0.008
0.013
0.20
0.33
D
1.240
1.280
31.50
32.51
E
0.300
0.325
7.62
8.26
E1
0.250
0.300
6.35
7.62
e
0.300
0.370
7.62
9.40
G
0.090
0.110
2.29
2.79
L
0.115
0.150
2.92
3.81
S
0.070
0.090
1.78
2.29
e
B
.004
L
D
E
H
C
A1
A
S: 24-Pin S (0.300" SOIC)
24-Pin S (0.300" SOIC)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.095
0.105
2.41
2.67
A1
0.004
0.012
0.10
0.30
B
0.013
0.020
0.33
0.51
C
0.008
0.013
0.20
0.33
D
0.600
0.615
15.24
15.62
E
0.290
0.305
7.37
7.75
e
0.045
0.055
1.14
1.40
H
0.395
0.415
10.03
10.54
L
0.020
0.040
0.51
1.02
1SLUS076A – JULY 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com