Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 13Page - Texas Instruments CC113LRGPR Datasheet HTML 14Page - Texas Instruments CC113LRGPR Datasheet HTML 15Page - Texas Instruments CC113LRGPR Datasheet HTML 16Page - Texas Instruments CC113LRGPR Datasheet HTML 17Page - Texas Instruments CC113LRGPR Datasheet HTML 18Page - Texas Instruments CC113LRGPR Datasheet HTML 19Page - Texas Instruments CC113LRGPR Datasheet HTML 20Page - Texas Instruments CC113LRGPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Receive mode
IDLE
Manual freq.
synth. calibration
RX FIFO
overflow
RXOFF_MODE = 00
SIDLE
SCAL
SFRX
IDLE
SRX
Sleep
SPWD
Crystal
oscillator off
SXOFF
CSn = 0
CSn = 0
Frequency
synthesizer startup,
optional calibration,
settling
Optional freq.
synth. calibration
Default state when the radio is not
receiving. Typ. current
consumption: 1.7 mA.
Lowest power mode. Most
register values are retained.
Typ. current consumption:
200 nA
All register values are
retained. Typ. current
consumption: 165 µA.
Used for calibrating frequency
synthesizer upfront (entering
receive mode can then be
done quicker). Transitional
state. Typ. current
consumption: 8.4 mA.
Frequency synthesizer is turned on, can optionally be
calibrated, and then settles to the correct frequency.
Transitional state. Typ. current consumption: 8.4 mA.
Typ. current
consumption:
from 14.7 mA (strong
input signal) to 15.7 mA
(weak input signal).
Optional transitional state. Typ.
current consumption: 8.4 mA.
In Normal mode, this state is
entered if the RX FIFO
overflows. Typ. current
consumption: 1.7 mA.
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Figure 5-2. Simplified Radio Control State Diagram, with Typical Current Consumption at 1.2 kBaud Data
Rate and MDMCFG2.DEM_DCFILT_OFF=1 (current optimized) – Frequency Band = 868 MHz
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
17
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com