Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 28Page - Texas Instruments CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments CC113LRGPR Datasheet HTML 34Page - Texas Instruments CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
channel
RSSI
FILTER _ LENGTH
2 BW
ƒ
8 2
×
=
×
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.12 Received Signal Qualifiers and RSSI
CC113L has several qualifiers that can be used to increase the likelihood that a valid sync word is
detected:
•
Sync Word Qualifier
•
RSSI
•
Carrier Sense
5.12.1 Sync Word Qualifier
If sync word detection is enabled in the MDMCFG2 register, the CC113L will not start filling the RX FIFO
and perform the packet filtering described in Section 5.10.2 before a valid sync word has been detected.
The sync word qualifier mode is set by MDMCFG2.SYNC_MODE and is summarized in Table 5-8. Carrier
sense described in Section 5.12.3.
Table 5-8. Sync Word Qualifier Mode
MDMCFG2.SYNC_MODE
Sync Word Qualifier Mode
000
No preamble/sync
001
15/16 sync word bits detected
010
16/16 sync word bits detected
011
30/32 sync word bits detected
100
No preamble/sync + carrier sense above threshold
101
15/16 + carrier sense above threshold
110
16/16 + carrier sense above threshold
111
30/32 + carrier sense above threshold
5.12.2 RSSI
The RSSI value is an estimate of the signal power level in the chosen channel. This value is based on the
current gain setting in the RX chain and the measured signal level in the channel.
In RX mode, the RSSI value can be read continuously from the RSSI status register until the demodulator
detects a sync word (when sync word detection is enabled). At that point the RSSI readout value is frozen
until the next time the chip enters the RX state.
NOTE
It takes some time from the radio enters RX mode until a valid RSSI value is present in the
RSSI register. See DN505 SWRA114 for details on how the RSSI response time can be
estimated.
The RSSI value is given in dBm with a ½-dB resolution. The RSSI update rate, fRSSI, depends on the
receiver filter bandwidth (BWchannel is defined in Section 5.8) and AGCCTRL0.FILTER_LENGTH.
(6)
If PKTLEN.APPEND_STATUS is enabled, the last RSSI value of the packet is automatically added to the
first byte appended after the payload.
32
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com