Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 53Page - Texas Instruments CC113LRGPR Datasheet HTML 54Page - Texas Instruments CC113LRGPR Datasheet HTML 55Page - Texas Instruments CC113LRGPR Datasheet HTML 56Page - Texas Instruments CC113LRGPR Datasheet HTML 57Page - Texas Instruments CC113LRGPR Datasheet HTML 58Page - Texas Instruments CC113LRGPR Datasheet HTML 59Page - Texas Instruments CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
DRATE _ E
DATA
XOSC
28
(256 DRATE _ M) 2
R
ƒ
2
+
×
=
×
XOSC
channel
CHANBW _ E
ƒ
BW
8 (4
CHANBW _ M) 2
=
×
+
×
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Table 5-36. 0x10: MDMCFG4 - Modem Configuration
Bit
Field Name
Reset
R/W
Description
7:6
CHANBW_E[1:0]
2 (10)
R/W
Sets the decimation ratio for the delta-sigma ADC input
stream and thus the channel bandwidth.
5:4
CHANBW_M[1:0]
0 (00)
R/W
The default values give 203 kHz channel filter bandwidth,
assuming a 26.0 MHz crystal.
3:0
DRATE_E[3:0]
12 (1100)
R/W
The exponent of the user specified symbol rate
Table 5-37. 0x11: MDMCFG3 - Modem Configuration
Bit
Field Name
Reset
R/W
Description
The mantissa of the user specified symbol rate. The symbol
rate is configured using an unsigned, floating-point number
with 9-bit mantissa and 4-bit exponent. The 9th bit is a
hidden ‘1’. The resulting data rate is:
7:0
DRATE_M[7:0]
34 (0x22)
R/W
The default values give a data rate of 115.051 kBaud
(closest setting to 115.2 kBaud), assuming a 26.0 MHz
crystal.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
57
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com