Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC113LRGPR
Description  Value Line Receiver
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC113LRGPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 2Page - Texas Instruments CC113LRGPR Datasheet HTML 3Page - Texas Instruments CC113LRGPR Datasheet HTML 4Page - Texas Instruments CC113LRGPR Datasheet HTML 5Page - Texas Instruments CC113LRGPR Datasheet HTML 6Page - Texas Instruments CC113LRGPR Datasheet HTML 7Page - Texas Instruments CC113LRGPR Datasheet HTML 8Page - Texas Instruments CC113LRGPR Datasheet HTML 9Page - Texas Instruments CC113LRGPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
3.2
Signal Descriptions
Table 3-1. Signal Descriptions
Pin No.
Pin Name
Pin Type
Description
1
SCLK
Digital
Serial configuration interface, clock input
Input
2
SO
Digital
Serial configuration interface, data output
(GDO1)
Output
Optional general output pin when CSn is high
3
GDO2
Digital
Digital output pin for general use:
Output
•
Test signals
•
FIFO status signals
•
Clock output, down-divided from XOSC
•
Serial output RX data
4
DVDD
Power
1.8 - 3.6 V digital power supply for digital I/Os and for the digital core voltage regulator
(Digital)
5
DCOUPL
Power
1.6 - 2.0 V digital power supply output for decoupling
(Digital)
NOTE: This pin is intended for use with the CC113L only. It can not be used to provide supply
voltage to other devices
6
GDO0
Digital I/O
Digital output pin for general use:
•
Test signals
•
FIFO status signals
•
Clock output, down-divided from XOSC
•
Serial output RX data
7
CSn
Digital
Serial configuration interface, chip select
Input
8
XOSC_Q1
Analog I/O Crystal oscillator pin 1, or external clock input
9
AVDD
Power
1.8 - 3.6 V analog power supply connection
(Analog)
10
XOSC_Q2
Analog I/O Crystal oscillator pin 2
11
AVDD
Power
1.8 - 3.6 V analog power supply connection
(Analog)
12
RF_P
RF I/O
Positive RF input signal to LNA in receive mode
13
RF_N
RF I/O
Negative RF input signal to LNA in receive mode
14
AVDD
Power
1.8 - 3.6 V analog power supply connection
(Analog)
15
AVDD
Power
1.8 - 3.6 V analog power supply connection
(Analog)
16
GND
Ground
Analog ground connection
(Analog)
17
RBIAS
Analog I/O External bias resistor for reference current
18
DGUARD
Power
Power supply connection for digital noise isolation
(Digital)
19
GND
Ground
Ground connection for digital noise isolation
(Digital)
20
SI
Digital
Serial configuration interface, data input
Input
6
Terminal Configuration and Functions
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com