Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM짰 Microprocessor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 51Page - Texas Instruments AM1802 Datasheet HTML 52Page - Texas Instruments AM1802 Datasheet HTML 53Page - Texas Instruments AM1802 Datasheet HTML 54Page - Texas Instruments AM1802 Datasheet HTML 55Page - Texas Instruments AM1802 Datasheet HTML 56Page - Texas Instruments AM1802 Datasheet HTML 57Page - Texas Instruments AM1802 Datasheet HTML 58Page - Texas Instruments AM1802 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 182 page
background image
OSCOUT
OSCIN
OSCVSS
Clock
Input
toPLL
NC
AM1802
www.ti.com
SPRS710E – NOVEMBER 2010 – REVISED MARCH 2014
Figure 6-7. External 1.2V Clock Source
Table 6-3. OSCIN Timing Requirements for an Externally Driven Clock
MIN
MAX
UNIT
fOSCIN
OSCIN frequency range
12
50
MHz
tc(OSCIN)
Cycle time, external clock driven on OSCIN
20
ns
tw(OSCINH)
Pulse width high, external clock on OSCIN
0.4 tc(OSCIN)
ns
tw(OSCINL)
Pulse width low, external clock on OSCIN
0.4 tc(OSCIN)
ns
tt(OSCIN)
Transition time, OSCIN
0.25P or 10 (1)
ns
tj(OSCIN)
Period jitter, OSCIN
0.02P
ns
(1)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
6.6
Clock PLLs
The device has two PLL controllers that provide clocks to different parts of the system. PLL0 provides
clocks (though various dividers) to most of the components of the device. PLL1 provides clocks to the
mDDR/DDR2 Controller and provides an alternate clock source for the ASYNC3 clock domain. This allows
the peripherals on the ASYNC3 clock domain to be immune to frequency scaling operation on PLL0.
The PLL controller provides the following:
•
Glitch-Free Transitions (on changing clock settings)
•
Domain Clocks Alignment
•
Clock Gating
•
PLL power down
The various clock outputs given by the controller are as follows:
•
Domain Clocks: SYSCLK [1:n]
•
Auxiliary Clock from reference clock source: AUXCLK
Various dividers that can be used are as follows:
•
Post-PLL Divider: POSTDIV
•
SYSCLK Divider: D1, ¼, Dn
Various other controls supported are as follows:
•
PLL Multiplier Control: PLLM
•
Software programmable PLL Bypass: PLLEN
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
55
Submit Documentation Feedback
Product Folder Links: AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com