Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM짰 Microprocessor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 10Page - Texas Instruments AM1802 Datasheet HTML 11Page - Texas Instruments AM1802 Datasheet HTML 12Page - Texas Instruments AM1802 Datasheet HTML 13Page - Texas Instruments AM1802 Datasheet HTML 14Page - Texas Instruments AM1802 Datasheet HTML 15Page - Texas Instruments AM1802 Datasheet HTML 16Page - Texas Instruments AM1802 Datasheet HTML 17Page - Texas Instruments AM1802 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 182 page
background image
J
H
G
F
E
D
C
B
A
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
EMA_D[15]/
GP3[7]
AXR15/
GP0[7]
ACLKR/
GP0[15]
ACLKX/
GP0[14]
AHCLKX/
USB_REFCLKIN/
/
GP0[10]
UART1_CTS
AFSX/
GP0[12]
AFSR/
GP0[13]
AXR9/
GP0[1]
AXR4/
GP1[12]/
MII_COL
AXR5/
GP1[13]/
MII_TXCLK
AXR7/
GP1[15]
AXR10/
GP0[2]
AXR1/
GP1[9]/
MII_TXD[1]
AXR3/
GP1[11]/
MII_TXD[3]
AXR2/
GP1[10]/
MII_TXD[2]
GP8[10]
RTC_ALARM/
/
GP0[8]/
UART2_CTS
DEEPSLEEP
AXR0/
GP8[7]/
MII_TXD[0]
GP8[14]
GP8[8]
VSS
GP8[12]
AXR8/
GP0[0]
AXR12/
GP0[4]
EMA_D[4]/
GP4[12]
AXR14/
GP0[6]
EMA_WEN_DQM[1]/
GP2[2]
EMA_D[0]/
GP4[8]
EMA_A[19]/
MMCSD0_DAT[2]/
GP4[3]
EMA_D[9]/
GP3[1]
EMA_A_R
/
GP3[9]
W
MMCSD0_CLK/
GP4[7]
EMA_D[8]/
GP3[0]
EMA_D[13]/
GP3[5]
GP6[4]
GP6[2]
AMUTE/
GP0[9]
UART2_RTS/
DVDD3318_A
DVDD3318_A
EMA_WE/
GP3[11]
EMA_D[10]/
GP3[2]
EMA_D[3]/
GP4[11]
EMA_SDCKE/
GP2[6]
EMA_D[14]/
GP3[6]
EMA_D[7]/
GP4[15]
EMA_D[1]/
GP4[9]
EMA_A[22]/
MMCSD0_CMD/
GP4[6]
EMA_D[2]/
GP4[10]
EMA_A[21]/
MMCSD0_DAT[0]/
GP4[5]
GP8[13]
AHCLKR/
/
GP0[11]
UART1_RTS
EMA_D[12]/
GP3[4]
EMA_WEN_DQM[0]/
GP2[3]
EMA_CLK/
GP2[7]
AXR6/
GP1[14]/
MII_TXEN
AXR11/
GP0[3]
EMA_D[6]/
GP4[14]
EMA_D[11]/
GP3[3]
RVDD
EMA_D[5]/
GP4[13]
GP8[11]
GP8[9]
GP8[15]
AXR13/
GP0[5]
J
H
G
F
E
D
C
B
A
EMA_CS[4]/
GP3[13]
EMA_CAS/
GP2[4]
DVDD3318_B
DVDD3318_B
DVDD3318_B
DVDD3318_B
DVDD18
CVDD
CVDD
DVDD3318_B
DVDD18
VSS
DVDD3318_A
VSS
VSS
CVDD
CVDD
VSS
VSS
CVDD
NC_J1
NC_J2
DVDD3318_C
CVDD
VSS
VSS
A
B
C
D
AM1802
SPRS710E – NOVEMBER 2010 – REVISED MARCH 2014
www.ti.com
Figure 3-4. Pin Map (Quad D)
3.6
Pin Multiplexing Control
Device level pin multiplexing is controlled by registers PINMUX0 - PINMUX19 in the SYSCFG module.
For the device family, pin multiplexing can be controlled on a pin-by-pin basis. Each pin that is multiplexed
with several different functions has a corresponding 4-bit field in one of the PINMUX registers.
Pin multiplexing selects which of several peripheral pin functions controls the pin's IO buffer output data
and output enable values only. The default pin multiplexing control for almost every pin is to select 'none'
of the peripheral functions in which case the pin's IO buffer is held tri-stated.
Note that the input from each pin is always routed to all of the peripherals that share the pin; the PINMUX
registers have no effect on input from a pin.
14
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com