Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM짰 Microprocessor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 78Page - Texas Instruments AM1802 Datasheet HTML 79Page - Texas Instruments AM1802 Datasheet HTML 80Page - Texas Instruments AM1802 Datasheet HTML 81Page - Texas Instruments AM1802 Datasheet HTML 82Page - Texas Instruments AM1802 Datasheet HTML 83Page - Texas Instruments AM1802 Datasheet HTML 84Page - Texas Instruments AM1802 Datasheet HTML 85Page - Texas Instruments AM1802 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 182 page
background image
AM1802
SPRS710E – NOVEMBER 2010 – REVISED MARCH 2014
www.ti.com
Table 6-22. Switching Characteristics for EMIFA Asynchronous Memory Interface(1)(2)(3)
1.2V, 1.1V, 1.0V
NO.
PARAMETER
UNIT
MIN
Nom
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E - 3
(TA)*E
(TA)*E + 3
ns
READS
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E - 3
(RS+RST+RH)*E
(RS+RST+RH)*E + 3
ns
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 1)
(RS+RST+RH+EWC)*E - 3
(RS+RST+RH+EWC)*E
(RS+RST+RH+EWC)*E + 3
ns
Output setup time, EMA_CE[5:2] low to EMA_OE low (SS = 0)
(RS)*E-3
(RS)*E
(RS)*E+3
ns
4
tsu(EMCEL-EMOEL)
Output setup time, EMA_CE[5:2] low to EMA_OE low (SS = 1)
-3
0
+3
ns
Output hold time, EMA_OE high to EMA_CE[5:2] high (SS = 0)
(RH)*E - 3
(RH)*E
(RH)*E + 3
ns
5
th(EMOEH-EMCEH)
Output hold time, EMA_OE high to EMA_CE[5:2] high (SS = 1)
-3
0
+3
ns
6
tsu(EMBAV-EMOEL)
Output setup time, EMA_BA[1:0] valid to EMA_OE low
(RS)*E-3
(RS)*E
(RS)*E+3
ns
7
th(EMOEH-EMBAIV)
Output hold time, EMA_OE high to EMA_BA[1:0] invalid
(RH)*E-3
(RH)*E
(RH)*E+3
ns
8
tsu(EMBAV-EMOEL)
Output setup time, EMA_A[13:0] valid to EMA_OE low
(RS)*E-3
(RS)*E
(RS)*E+3
ns
9
th(EMOEH-EMAIV)
Output hold time, EMA_OE high to EMA_A[13:0] invalid
(RH)*E-3
(RH)*E
(RH)*E+3
ns
EMA_OE active low width (EW = 0)
(RST)*E-3
(RST)*E
(RST)*E+3
ns
10
tw(EMOEL)
EMA_OE active low width (EW = 1)
(RST+EWC)*E-3
(RST+EWC)*E
(RST+EWC)*E+3
ns
11
td(EMWAITH-EMOEH)
Delay time from EMA_WAIT deasserted to EMA_OE high
3E-3
4E
4E+3
ns
28
tsu(EMARW-EMOEL)
Output setup time, EMA_A_RW valid to EMA_OE low
(RS)*E-3
(RS)*E
(RS)*E+3
ns
29
th(EMOEH-EMARW)
Output hold time, EMA_OE high to EMA_A_RW invalid
(RH)*E-3
(RH)*E
(RH)*E+3
ns
WRITES
EMIF write cycle time (EW = 0)
(WS+WST+WH)*E-3
(WS+WST+WH)*E
(WS+WST+WH)*E+3
ns
15
tc(EMWCYCLE)
EMIF write cycle time (EW = 1)
(WS+WST+WH+EWC)*E - 3
(WS+WST+WH+EWC)*E
(WS+WST+WH+EWC)*E + 3
ns
Output setup time, EMA_CE[5:2] low to EMA_WE low (SS = 0)
(WS)*E - 3
(WS)*E
(WS)*E + 3
ns
16
tsu(EMCEL-EMWEL)
Output setup time, EMA_CE[5:2] low to EMA_WE low (SS = 1)
-3
0
+3
ns
Output hold time, EMA_WE high to EMA_CE[5:2] high (SS = 0)
(WH)*E-3
(WH)*E
(WH)*E+3
ns
17
th(EMWEH-EMCEH)
Output hold time, EMA_WE high to EMA_CE[5:2] high (SS = 1)
-3
0
+3
ns
18
tsu(EMDQMV-EMWEL)
Output setup time, EMA_BA[1:0] valid to EMA_WE low
(WS)*E-3
(WS)*E
(WS)*E+3
ns
19
th(EMWEH-EMDQMIV)
Output hold time, EMA_WE high to EMA_BA[1:0] invalid
(WH)*E-3
(WH)*E
(WH)*E+3
ns
20
tsu(EMBAV-EMWEL)
Output setup time, EMA_BA[1:0] valid to EMA_WE low
(WS)*E-3
(WS)*E
(WS)*E+3
ns
21
th(EMWEH-EMBAIV)
Output hold time, EMA_WE high to EMA_BA[1:0] invalid
(WH)*E-3
(WH)*E
(WH)*E+3
ns
22
tsu(EMAV-EMWEL)
Output setup time, EMA_A[13:0] valid to EMA_WE low
(WS)*E-3
(WS)*E
(WS)*E+3
ns
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold, MEWC = Maximum external wait cycles. These
parameters are programmed via the Asynchronous Bank and Asynchronous Wait Cycle Configuration Registers. These support the following range of values: TA[4-1], RS[16-1], RST[64-
1], RH[8-1], WS[16-1], WST[64-1], WH[8-1], and MEW[1-256].
(2)
E = EMA_CLK period or in ns. EMA_CLK is selected either as SYSCLK3 or the PLL0 output clock divided by 4.5. As an example, when SYSCLK3 is selected and set to 100MHz,
E=10ns.
(3)
EWC = external wait cycles determined by EMA_WAIT input signal. EWC supports the following range of values EWC[256-1]. Note that the maximum wait time before timeout is specified
by bit field MEWC in the Asynchronous Wait Cycle Configuration Register.
82
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com