Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM짰 Microprocessor
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 89Page - Texas Instruments AM1802 Datasheet HTML 90Page - Texas Instruments AM1802 Datasheet HTML 91Page - Texas Instruments AM1802 Datasheet HTML 92Page - Texas Instruments AM1802 Datasheet HTML 93Page - Texas Instruments AM1802 Datasheet HTML 94Page - Texas Instruments AM1802 Datasheet HTML 95Page - Texas Instruments AM1802 Datasheet HTML 96Page - Texas Instruments AM1802 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 182 page
background image
AM1802
www.ti.com
SPRS710E – NOVEMBER 2010 – REVISED MARCH 2014
6.11.3.6 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR2/mDDR and other
circuitry. Table 6-29 contains the minimum numbers and capacitance required for the bulk bypass
capacitors. Note that this table only covers the bypass needs of the device and DDR2/mDDR interfaces.
Additional bulk bypass capacitance may be needed for other circuitry.
Table 6-29. Bulk Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
DDR_DVDD18 Supply Bulk Bypass Capacitor Count(1)
3
Devices
2
DDR_DVDD18 Supply Bulk Bypass Total Capacitance
30
μF
3
DDR#1 Bulk Bypass Capacitor Count(1)
1
Devices
4
DDR#1 Bulk Bypass Total Capacitance
22
μF
5
DDR#2 Bulk Bypass Capacitor Count(1)(2)
1
Devices
6
DDR#2 Bulk Bypass Total Capacitance(2)
22
μF
(1)
These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass caps.
(2)
Only used on dual-memory systems.
6.11.3.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR2/mDDR interface operation. It is
particularly
important
to
minimize
the
parasitic
series
inductance
of
the
HS
bypass
cap,
device/DDR2/mDDR power, and device/DDR2/mDDR ground connections. Table 6-30 contains the
specification for the HS bypass capacitors as well as for the power connections on the PCB.
Table 6-30. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS Bypass Capacitor Package Size(1)
0402
10 Mils
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor
2(2)
Vias
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each DDR2/mDDR device power or ground balls
1
Vias
6
Trace length from DDR2/mDDR device power ball to connection via
35
Mils
7
DDR_DVDD18 Supply HS Bypass Capacitor Count(3)
10
Devices
8
DDR_DVDD18 Supply HS Bypass Capacitor Total Capacitance
0.6
μF
9
DDR#1 HS Bypass Capacitor Count(3)
8
Devices
10
DDR#1 HS Bypass Capacitor Total Capacitance
0.4
μF
11
DDR#2 HS Bypass Capacitor Count(3)(4)
8
Devices
12
DDR#2 HS Bypass Capacitor Total Capacitance(4)
0.4
μF
(1)
LxW, 10 mil units, i.e., a 0402 is a 40x20 mil surface mount capacitor
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
(4)
Only used on dual-memory systems.
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
93
Submit Documentation Feedback
Product Folder Links: AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com