Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 6 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
81
200D, 202D
Vishay
Document Number: 40027
Revision 25-Jun-04
For technical questions, contact wettants@vishay.com
20 WVDC at + 85
°C . . . 13 WVDC at + 125°C
2600.0
3300.0
4000.0
5300.0
6600.0
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
2200.0
2700.0
3200.0
4300.0
5400.0
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
1800.0
2200.0
2600.0
3500.0
4400.0
4.5
3.6
3.0
2.3
1.8
1.13
1.41
1.67
2.05
2.54
202D188X0030A1
202D228X0030A2
202D268X0030A3
202D358X0030A4
202D448X0030A5
0.28
0.22
0.18
0.14
0.11
200D188X0030A1
200D228X0030A2
200D268X0030A3
200D358X0030A4
200D448X0030A5
A1
A2
A3
A4
A5
1.13
1.41
1.67
2.05
2.54
4.1
3.3
2.8
2.1
1.7
0.28
0.22
0.18
0.14
0.11
202D228X0025A1
202D278X0025A2
202D328X0025A3
202D438X0025A4
202D548X0025A5
200D228X0025A1
200D278X0025A2
200D328X0025A3
200D438X0025A4
200D548X0025A5
A1
A2
A3
A4
A5
A1
A2
A3
A4
A5
200D268X0020A1
200D338X0020A2
200D408X0020A3
200D538X0020A4
200D668X0020A5
202D268X0020A1
202D338X0020A2
202D408X0020A3
202D538X0020A4
202D668X0020A5
0.28
0.22
0.18
0.14
0.11
1.13
1.41
1.67
2.05
2.54
3.9
3.1
2.6
1.9
1.6
EXTENDED RATINGS
Max. RMS
RIPPLE
120 Hz
(Amps)
Max. IMP.
at - 55
°C
(Ohms)
Max. ESR
at + 25
°C
(Ohms)
PART NUMBER*
TYPE 202D
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
TYPE 200D
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
6600.0
8200.0
9900.0
12000.0
13000.0
15000.0
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
* The Part Numbers listed are for ± 20% tolerance. To specify ± 10% tolerance, change the digit following "X" from "0" to "9".
For requirements or ratings other than those listed, please contact a Vishay representative.
5400.0
6800.0
8200.0
9600.0
11000.0
12000.0
14000.0
1.13
1.41
1.67
2.54
2.05
2.99
2.35
2.8
2.2
1.8
1.8
1.4
1.3
1.1
0.28
0.22
0.18
0.12
0.14
0.086
0.11
202D548X0008A1
202D688X0008A2
202D828X0008A3
202D968X0008B1
202D119X0008A4
202D129X0008B2
202D149X0008A5
200D548X0008A1
200D688X0008A2
200D828X0008A3
—
200D119X0008A4
—
200D149X0008A5
A1
A2
A3
B1
A4
B2
A5
202D668X0006A1
202D828X0006A2
202D998X0006A3
202D129X0006B1
202D139X0006A4
202D159X0006A5
0.28
0.22
0.18
0.11
0.14
0.12
2.3
1.8
1.5
0.90
1.1
1.8
1.13
1.41
1.67
2.54
2.05
2.35
200D668X0006A1
200D828X0006A2
200D998X0006A3
—
200D139X0006A4
—
1.13
1.41
1.67
2.05
2.54
2.35
202D458X0010A1
202D568X0010A2
202D688X0010A3
202D908X0010A4
202D968X0010B1
202D119X0010A5
0.28
0.22
0.18
0.14
0.12
0.11
3.4
2.7
2.2
1.7
1.8
1.4
4500.0
5600.0
6800.0
9000.0
9600.0
11000.0
200D458X0010A1
200D568X0010A2
200D688X0010A3
200D908X0010A4
—
200D119X0010A5
A1
A2
A3
A4
B1
A5
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
3100.0
3900.0
4700.0
6200.0
6560.0
7800.0
202D318X0015A1
202D398X0015A2
202D478X0015A3
202D628X0015A4
202D668X0015B1
202D788X0015A5
200D318X0015A1
200D398X0015A2
200D478X0015A3
200D628X0015A4
—
200D788X0015A5
A1
A2
A3
A4
B1
A5
3.9
3.1
2.6
1.9
2.2
1.6
1.13
1.41
1.67
2.05
2.03
2.54
0.28
0.22
0.18
0.14
0.16
0.11
A1
A2
A3
B1
A4
A5
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX
® Components
TANTAPAK
® Capacitor Assemblies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com