Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 3 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 40027
Revision 25-Jun-04
www.vishay.com
78
200D, 202D
Vishay
For technical questions, contact wettants@vishay.com
Max. RMS
RIPPLE
120 Hz
(Amps)
Max. IMP.
at - 55
°C
(Ohms)
Max. ESR
at + 25
°C
(Ohms)
PART NUMBER*
TYPE 202D
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
TYPE 200D
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
202D118X0025A1
202D148X0025A2
202D168X0025D3
202D188X0025A3
202D228X0025A4
202D238X0025B1
202D298X0025A5
202D318X0025B2
202D398X0025B3
202D478X0025B4
202D558X0025B5
202D628X0025B6
202D708X0025B7
0.30
0.23
0.21
0.18
0.15
0.14
0.11
0.11
0.085
0.071
0.061
0.053
0.047
5.3
4.0
5.3
3.2
2.7
3.5
2.0
2.6
2.1
1.8
1.5
1.3
1.2
1.10
1.38
1.36
1.67
1.98
2.17
2.54
2.65
3.24
3.77
4.28
4.84
5.38
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
520.0
660.0
820.0
900.0
1200.0
1200.0
1300.0
1300.0
1500.0
1800.0
2000.0
2400.0
2600.0
3300.0
4000.0
4600.0
5300.0
6000.0
5.3
4.2
2.9
5.8
4.4
2.3
2.1
5.5
3.5
2.9
1.7
2.2
2.8
2.2
1.8
1.6
1.4
1.2
0.87
1.08
1.27
0.99
1.28
1.68
1.93
1.22
1.50
1.81
1.97
2.25
2.43
2.98
3.45
3.92
4.40
4.88
202D527X0030A1
202D667X0030A2
202D827X0030A3
202D907X0030A1
202D128X0030A2
202D128X0030A4
202D138X0030A5
202D138X0030D3
202D158X0030A3
202D188X0030A4
202D208X0030B1
202D248X0030A5
202D268X0030B2
202D338X0030B3
202D408X0030B4
202D468X0030B5
202D538X0030B6
202D608X0030B7
200D527X0030A1
200D667X0030A2
200D827X0030A3
200D907X0030A1
200D128X0030A2
200D128X0030A4
200D138X0030A5
—
200D158X0030A3
200D188X0030A4
—
200D248X0030A5
—
—
—
—
—
—
35 WVDC at + 85
°C . . . 22 WVDC at + 125°C
720.0
960.0
1100.0
1200.0
1400.0
1600.0
1900.0
2200.0
2700.0
3200.0
3800.0
4300.0
4900.0
40 WVDC at + 85
°C . . . 25 WVDC at + 125°C
600.0
800.0
880.0
1000.0
1200.0
1300.0
1600.0
1800.0
2200.0
2600.0
3100.0
3500.0
4000.0
* The Part Numbers listed are for ± 20% tolerance. To specify ± 10% tolerance, change the digit following "X" from "0" to "9".
For requirements or ratings other than those listed, please contact a Vishay representative.
1100.0
1400.0
1600.0
1800.0
2200.0
2300.0
2900.0
3100.0
3900.0
4700.0
5500.0
6200.0
7000.0
A1
A2
D3
A3
A4
B1
A5
B2
B3
B4
B5
B6
B7
200D118X0025A1
200D148X0025A2
—
200D188X0025A3
200D228X0025A4
—
200D298X0025A5
—
—
—
—
—
—
0.48
0.38
0.31
0.37
0.27
0.21
0.19
0.26
0.22
0.18
0.17
0.14
0.13
0.10
0.085
0.073
0.064
0.057
A1
A2
A3
A1
A2
A4
A5
D3
A3
A4
B1
A5
B2
B3
B4
B5
B6
B7
A1
A2
D3
A3
A4
B1
A5
B2
B3
B4
B5
B6
B7
200D727X0035A1
200D967X0035A2
—
200D128X0035A3
200D148X0035A4
—
200D198X0035A5
—
—
—
—
—
—
202D727X0035A1
202D967X0035A2
202D118X0035D3
202D128X0035A3
202D148X0035A4
202D168X0035B1
202D198X0035A5
202D228X0035B2
202D278X0035B3
202D328X0035B4
202D388X0035B5
202D438X0035B6
202D498X0035B7
0.37
0.27
0.30
0.22
0.18
0.20
0.14
0.15
0.12
0.10
0.085
0.075
0.067
6.3
4.7
5.7
3.8
3.2
3.8
2.4
2.9
2.3
1.9
1.6
1.4
1.3
0.99
1.28
1.14
1.51
1.81
1.82
2.25
2.27
2.72
3.18
3.63
4.07
4.51
1.04
1.33
1.14
1.58
1.86
1.82
2.34
2.27
2.72
3.18
3.61
4.07
4.51
6.7
5.0
6.0
4.0
3.3
4.0
2.5
3.0
2.4
2.0
1.7
1.5
1.3
0.33
0.25
0.30
0.20
0.17
0.20
0.13
0.15
0.12
0.10
0.086
0.075
0.057
202D607X0040A1
202D807X0040A2
202D887X0040D3
202D108X0040A3
202D128X0040A4
202D138X0040B1
202D168X0040A5
202D188X0040B2
202D228X0040B3
202D268X0040B4
202D318X0040B5
202D358X0040B6
202D408X0040B7
200D607X0040A1
200D807X0040A2
—
200D108X0040A3
200D128X0040A4
—
200D168X0040A5
—
—
—
—
—
—
A1
A2
D3
A3
A4
B1
A5
B2
B3
B4
B5
B6
B7
STANDARD RATINGS
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX
® Components
TANTAPAK
® Capacitor Assemblies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com