Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 7 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 40027
Revision 25-Jun-04
www.vishay.com
82
200D, 202D
Vishay
For technical questions, contact wettants@vishay.com
EXTENDED RATINGS
Max. RMS
RIPPLE
120 Hz
(Amps)
Max. IMP.
at - 55
°C
(Ohms)
PART NUMBER*
TYPE 202D
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
TYPE 200D
Max. ESR
at + 25
°C
(Ohms)
35 WVDC at + 85
°C . . . 22 WVDC at + 125°C
* The Part Numbers listed are for ± 20% tolerance. To specify ± 10% tolerance, change the digit following "X" from "0" to "9".
For requirements or ratings other than those listed, please contact a Vishay representative.
1400.0
1800.0
2200.0
2900.0
3600.0
3900.0
5500.0
7000.0
8600.0
10000.0
12000.0
13000.0
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
B6
B7
0.28
0.22
0.18
0.14
0.11
0.16
0.11
0.089
0.073
0.062
0.053
0.047
5.1
4.1
3.4
2.6
2.1
2.7
1.9
1.5
1.2
1.0
0.90
0.79
1.13
1.41
1.67
2.05
2.54
2.03
2.64
3.16
3.72
4.25
4.84
5.38
200D148X0035A1
200D188X0035A2
200D228X0035A3
200D298X0035A4
200D368X0035A5
—
—
—
—
—
—
—
202D148X0035A1
202D188X0035A2
202D228X0035A3
202D298X0035A4
202D368X0035A5
202D398X0035B1
202D558X0035B2
202D708X0035B3
202D868X0035B4
202D109X0035B5
202D129X0035B6
202D139X0035B7
0.28
0.22
0.18
0.14
0.11
40 WVDC at + 85
°C . . . 25 WVDC at + 125°C
1200.0
1500.0
1800.0
2400.0
3000.0
A1
A2
A3
A4
A5
1.13
1.41
1.67
2.05
2.54
5.5
4.4
3.7
2.8
2.3
202D128X0040A1
202D158X0040A2
202D188X0040A3
202D248X0040A4
202D308X0040A5
200D128X0040A1
200D158X0040A2
200D188X0040A3
200D248X0040A4
200D308X0040A5
50 WVDC at + 85
°C . . . 35 WVDC at + 125°C
960.0
1200.0
1300.0
1400.0
1900.0
2400.0
A1
A2
D3
A3
A4
A5
200D967X0050A1
200D128X0050A2
—
200D148X0050A3
200D198X0050A4
200D248X0050A5
202D967X0050A1
202D128X0050A2
202D138X0050D3
202D148X0050A3
202D198X0050A4
202D248X0050A5
0.28
0.22
0.38
0.18
0.14
0.11
6.1
4.9
5.5
4.1
3.1
2.5
1.13
1.14
1.01
1.67
2.05
2.54
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
800.0
1000.0
1100.0
1200.0
1600.0
2000.0
A1
A2
D3
A3
A4
A5
200D807X0060A1
200D108X0060A2
—
200D128X0060A3
200D168X0060A4
200D208X0060A5
202D807X0060A1
202D108X0060A2
202D118X0060D3
202D128X0060A3
202D168X0060A4
202D208X0060A5
1.13
1.41
1.01
1.67
2.05
2.54
6.8
5.4
5.8
4.5
3.4
2.7
0.28
0.22
0.38
0.18
0.14
0.11
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
650.0
820.0
880.0
980.0
1300.0
1600.0
A1
A2
D3
A3
A4
A5
1.13
1.41
0.84
1.64
2.05
2.54
202D657X0075A1
202D827X0075A2
202D887X0075D3
202D987X0075A3
202D138X0075A4
202D168X0075A5
0.28
0.22
0.55
0.18
0.14
0.11
7.9
6.3
6.0
5.2
3.9
3.2
200D657X0075A1
200D827X0075A2
—
200D987X0075A3
200D138X0075A4
200D168X0075A5
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX
® Components
TANTAPAK
® Capacitor Assemblies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com