Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 1 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 40027
Revision 25-Jun-04
www.vishay.com
76
200D, 202D
Vishay
For technical questions, contact wettants@vishay.com
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX
® Components
TANTAPAK
® Capacitor Assemblies
FEATURES
TANTAPAK
® Wet Sintered Anode capacitor assemblies are
widely used in filter, coupling, bypass and time-delay circuits
in computers, missiles, airborne equipment, radar and fire
control systems.
TANTAPAK
® capacitor assemblies are available in 3 standard
case styles and 13 case codes. Type 200D units are
constructed with the negative terminal connected to the case;
they are available only in the "A" case, in five case codes.
Model 202D capacitors are the commercial equivalent of
Tansitor Style RW, Mallory-NACC Style TL and are
designed to meet MIL-DTL-3965 and DSCC DWG 04021.
Life Test: Capacitors shall withstand 2000 hours at a
temperature of + 85°C or + 125°C at the rated DC working
voltage.
Following the life test:
1. DCL shall not exceed the original requirement.
2. ESR shall not be more than 130% of the initial requirement.
3. Capacitance shall not change more than ± 25%.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 125°C.
Capacitance Tolerance: At 120 Hz, + 25°C. ± 20%
standard. ± 10% available.
DC Leakage Current (DCL Max.):
At + 25
°C: Leakage current shall not exceed the values
listed in the Standard Ratings Tables.
MODEL 200D
MODEL 202D
Series "B" Case
Series "A" Case
0.067 [1.70]
Dia. Hole
0.203
± 0.031
[5.16
± 0.79]
CL
0.625
± 0.015
[15.88
± 0.38]
1.275
± 0.015
[32.39
± 0.38]
CL
0.062 x 0.125
[1.57 x 3.18]
Hole
0.266
± 0.031
[6.76
± 0.79]
H
± 0.031
[0.79]
0.625
± 0.015
[15.88
± 0.38]
CL
90
° ± 1°
0.625
± 0.015
[15.88
± 0.38]
0.720
± 0.031
[18.29
± 0.79]
1.305
± 0.031
[33.15
± 0.79]
90
° ± 1°
0.062 x 0.125
[1.57 x 3.18]
Hole
0.750
± 0.015
[19.05
± 0.38]
H
± 0.062
[1.57]
1.593
± 0.062
[40.46
± 1.57]
CL
0.281
± 0.031
[7.14
± 0.79]
CL
1.000
± 0.062
[25.4
± 1.57]
ORDERING INFORMATION
X0
CAPACITANCE
TOLERANCE
A1
CASE CODE
See
Dimensional
Configurations.
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating.
006
DC VOLTAGE RATING
AT + 85°C
200D =Negative terminal
connected to case
(Available only in
'A' Cases).
202D =Both terminals
insulated from case.
202D
MODEL
318
CAPACITANCE
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
X0 = ± 20%
X9 = ± 10%
DIMENSIONS in inches [millimeters]


Similar Part No. - 200D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
200D VISHAY-200D Datasheet
162Kb / 15P
Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
30-Jul-14
logo
Structured Cable Produc...
200D-2G-XX STRUCTURED-CABLE-200D-2G-XX Datasheet
659Kb / 1P
DOUBLE GANG - Decorator Style Face Plate
2015-09-16
200D-3G-XX STRUCTURED-CABLE-200D-3G-XX Datasheet
666Kb / 1P
TRIPLE GANG - Decorator Style Face Plate
2015-09-16
logo
List of Unclassifed Man...
200D-5 ETC1-200D-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 200D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
15-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
17-Oct-03
109D VISHAY-109D Datasheet
94Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
17-Mar-08
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
30-Jul-14
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
11-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com