Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 5 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 40027
Revision 25-Jun-04
www.vishay.com
80
200D, 202D
Vishay
For technical questions, contact wettants@vishay.com
STANDARD RATINGS
Max. RMS
RIPPLE
120 Hz
(Amps)
Max. IMP.
at - 55
°C
(Ohms)
Max. ESR
at + 25
°C
(Ohms)
PART NUMBER*
TYPE 202D
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
TYPE 200D
85 WVDC at + 85
°C . . . 60 WVDC at + 125°C
100 WVDC at + 85
°C . . . 70 WVDC at + 125°C
170.0
220.0
260.0
260.0
340.0
350.0
350.0
440.0
440.0
510.0
530.0
680.0
700.0
850.0
1000.0
1200.0
1400.0
1500.0
A1
A2
A1
A3
D3
A2
A4
A3
A5
B1
A4
B2
A5
B3
B4
B5
B6
B7
200D177X0100A1
200D227X0100A2
200D267X0100A1
200D267X0100A3
—
200D357X0100A2
200D357X0100A4
200D447X0100A3
200D447X0100A5
—
200D537X0100A4
—
200D707X0100A5
—
—
—
—
—
202D177X0100A1
202D227X0100A2
202D267X0100A1
202D267X0100A3
202D347X0100D3
202D357X0100A2
202D357X0100A4
202D447X0100A3
202D447X0100A5
202D517X0100B1
202D537X0100A4
202D687X0100B2
202D707X0100A5
202D857X0100B3
202D108X0100B4
202D128X0100B5
202D148X0100B6
202D158X0100B7
0.94
0.72
0.40
0.61
0.75
0.30
0.45
0.24
0.36
0.28
0.20
0.21
0.15
0.17
0.14
0.12
0.11
0.095
15.0
11.6
8.3
8.0
7.5
6.2
6.5
5.0
5.8
4.8
4.2
3.6
3.1
2.9
2.4
2.1
1.8
1.6
0.62
0.78
0.95
0.91
0.72
1.21
1.15
1.44
1.40
1.54
1.72
1.91
2.18
2.29
2.69
3.06
3.36
3.78
125 WVDC at + 85
°C . . . 80 WVDC at + 125°C
202D177X0125A1
202D227X0125A2
202D227X0125D3
202D287X0125A3
202D347X0125A4
202D347X0125B1
202D567X0125B3
202D677X0125B4
202D797X0125B5
202D907X0125B6
202D108X0125B7
0.40
0.30
0.42
0.24
0.20
0.28
0.17
0.14
0.12
0.11
0.095
70.0
90.0
100.0
140.0
180.0
0.95
1.21
0.96
1.44
1.72
1.54
2.29
2.69
3.06
3.38
3.78
150 WVDC at + 85
°C . . . 100 WVDC at + 125°C
A1
A2
A3
A4
A5
200D706X0150A1
200D906X0150A2
200D107X0150A3
200D147X0150A4
200D187X0150A5
202D706X0150A1
202D906X0150A2
202D107X0150A3
202D147X0150A4
202D187X0150A5
2.27
1.77
1.59
1.14
0.88
28.8
22.4
16.4
12.4
11.2
0.40
0.50
0.56
0.72
0.90
* The Part Numbers listed are for ± 20% tolerance. To specify ± 10% tolerance, change the digit following "X" from "0" to "9".
For requirements or ratings other than those listed, please contact a Vishay representative.
15.0
12.0
8.0
9.0
7.5
5.4
3.2
2.7
2.4
2.0
1.8
200D177X0125A1
200D227X0125A2
—
200D287X0125A3
200D347X0125A4
—
—
—
—
—
—
A1
A2
D3
A3
A4
B1
B3
B4
B5
B6
B7
170.0
220.0
220.0
280.0
340.0
340.0
560.0
670.0
790.0
900.0
1000.0
800.0
1000.0
1200.0
1400.0
1600.0
1800.0
B2
B3
B4
B5
B6
B7
—
—
—
—
—
—
202D807X0085B2
202D108X0085B3
202D128X0085B4
202D148X0085B5
202D168X0085B6
202D188X0085B7
3.5
2.8
2.4
2.0
1.8
1.6
1.91
2.29
2.69
3.06
3.36
3.78
0.21
0.17
0.14
0.12
0.11
0.095
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX
® Components
TANTAPAK
® Capacitor Assemblies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com